Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7713 Datasheet(PDF) 362 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 362 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 358Page - Renesas Technology Corp SH7713 Datasheet HTML 359Page - Renesas Technology Corp SH7713 Datasheet HTML 360Page - Renesas Technology Corp SH7713 Datasheet HTML 361Page - Renesas Technology Corp SH7713 Datasheet HTML 362Page - Renesas Technology Corp SH7713 Datasheet HTML 363Page - Renesas Technology Corp SH7713 Datasheet HTML 364Page - Renesas Technology Corp SH7713 Datasheet HTML 365Page - Renesas Technology Corp SH7713 Datasheet HTML 366Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 904 page
background image
Section 11 On-Chip Oscillation Circuits
Rev.1.50 Aug. 30, 2006 Page 322 of 860
REJ09B0288-0150
11.5
Changing Frequency
The frequency of the internal clock and peripheral clock can be changed either by changing the
multiplication rate of PLL circuit 1 or by changing the division rates of divider 1. All of these are
controlled by software through FRQCR. The methods are described below.
11.5.1
Changing Multiplication Rate
A PLL settling time is required when the multiplication rate of PLL circuit 1 is changed. The on-
chip WDT counts the settling time.
1. In the initial state, the multiplication rate of PLL circuit 1 is 1.
2. Set a value that will become the specified oscillation settling time in the WDT and stop the
WDT. The following must be set:
TME bit in WTCSR
= 0: WDT stops
CKS2 to CKS0 bits in WTCSR: Division ratio of WDT count clock
WTCNT: Initial counter value
3. Set the desired value in the STC1 and STC0 bits. The division ratio can also be set in the IFC1
and IFC0 bits and PFC2 to PFC0 bits.
4. The processor pauses internally and the WDT starts incrementing. The internal and peripheral
clocks both stop and the WDT is supplied with the clock. The clock will continue to be output
at the CKIO pin.
5. Supply of the clock that has been set begins at WDT count overflow, and the processor begins
operating again. The WDT stops after it overflows.
11.5.2
Changing Division Ratio
The WDT will not count unless the multiplication rate is changed simultaneously.
1. In the initial state, IFC1 and IFC0
= 00 and PFC2 to PFC0 = 011.
2. Set the IFC1, IFC0, and PFC2 to PFC0 bits to the new division ratio. The values that can be set
are limited by the clock mode and the multiplication rate of PLL circuit 1. Note that if the
wrong value is set, the processor will malfunction.
3. The clock is immediately supplied at the new division ratio.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com