Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7713 Datasheet(PDF) 359 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 359 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 355Page - Renesas Technology Corp SH7713 Datasheet HTML 356Page - Renesas Technology Corp SH7713 Datasheet HTML 357Page - Renesas Technology Corp SH7713 Datasheet HTML 358Page - Renesas Technology Corp SH7713 Datasheet HTML 359Page - Renesas Technology Corp SH7713 Datasheet HTML 360Page - Renesas Technology Corp SH7713 Datasheet HTML 361Page - Renesas Technology Corp SH7713 Datasheet HTML 362Page - Renesas Technology Corp SH7713 Datasheet HTML 363Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 904 page
background image
Section 11 On-Chip Oscillation Circuits
Rev.1.50 Aug. 30, 2006 Page 319 of 860
REJ09B0288-0150
Mode
FRQCR
Value
PLL
Circuit 1
PLL
Circuit 2
Clock
Ratio*
(I:B:P)
Frequency Range of
Input Clock and
Crystal Resonator
Frequency Range of
CKIO Pin
1103
On (x2)
Off
2:1:1/2
33.34 MHz to
66.67 MHz
33.34 MHz to 66.67
MHz
1104
On (x2)
Off
2:1:1/3
33.34 MHz to
66.67 MHz
33.34 MHz to 66.67
MHz
7
1204
On (x3)
Off
3:1:1/2
33.34 MHz to
66.67 MHz
33.34 MHz to 66.67
MHz
Notes: *
The input clock is 1.
Maximum frequency: I
φ = 200.00 MHz, Bφ (CKIO) = 66.67 MHz, Pφ = 33.34 MHz
1. Use the CKIO frequency within 33.34 MHz
≤ CKIO ≤ 66.67 MHz.
2. The input to divider 1 is the output of PLL circuit 1.
3. Use the internal clock frequency within 33.34 MHz
≤ Iφ ≤ 200.00 MHz.
The internal clock frequency is the product of the frequency of the CKIO pin, the
frequency multiplication ratio of PLL circuit 1 selected by the STC bit in FRQCR, and
the division ratio selected by the IFC bit in FRQCR.
Do not set the internal clock frequency lower than the CKIO pin frequency.
4. Use the peripheral clock frequency within 8.34 MHz
≤ Pφ ≤ 33.34 MHz.
The peripheral clock frequency is the product of the frequency of the CKIO pin, the
frequency multiplication ratio of PLL circuit 1 selected by the STC bit in FRQCR, and
the division ratio selected by the PFC bit in FRQCR.
Do not set the peripheral clock frequency higher than the frequency of the CKIO pin.
5.
× 1, × 2, or × 3 can be used as the multiplication ratio of PLL circuit 1. × 1, × 1/2, or × 1/3
can be selected as the division ratio of an internal clock.
× 1/2, × 1/3, × 1/4, or
× 1/6 can be selected as the division ratio of a peripheral clock. Set the rate in FRQCR.
6. The output frequency of PLL circuit 1 is the product of the CKIO frequency and the
multiplication ratio of PLL circuit 1. Use the output frequency under 200.00 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com