Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7713 Datasheet(PDF) 117 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 117 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 113Page - Renesas Technology Corp SH7713 Datasheet HTML 114Page - Renesas Technology Corp SH7713 Datasheet HTML 115Page - Renesas Technology Corp SH7713 Datasheet HTML 116Page - Renesas Technology Corp SH7713 Datasheet HTML 117Page - Renesas Technology Corp SH7713 Datasheet HTML 118Page - Renesas Technology Corp SH7713 Datasheet HTML 119Page - Renesas Technology Corp SH7713 Datasheet HTML 120Page - Renesas Technology Corp SH7713 Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 904 page
background image
Section 3 DSP Operating Unit
Rev.1.50 Aug. 30, 2006 Page 77 of 860
REJ09B0288-0150
Before entering the exception handling state, all bits including the DSP extension bits of the SR
registers are saved in the SSR. Before returning from the exception handling, all bits including the
DSP extension bits of the SR must be restored. If the repeat control must be recovered before
entering the exception handling state, the RS and RE registers must be recovered to the value that
existed before exception handling. In addition, if it is necessary to recover modulo control before
entering the exception handling state, the MOD register must be recovered to the value that
existed before exception handling.
3.2.4
DSP Registers
The DSP unit incorporates eight data registers (A0, A1, X0, X1, Y0, Y1, M0, and M1) and a status
register (DSR). Figure 3.3 shows the DSP register configuration. These are 32-bit width registers
with the exception of registers A0 and A1. Registers A0 and A1 include 8 guard bits (fields A0G
and A1G), giving them a total width of 40 bits. The DSR register stores the DSP data operation
result (zero, negative, others). The DSP register has a DC bit whose function is similar to the T bit
of the CPU register. For details on DSR bits, refer to section 3.5, DSP Data Operation Instructions.
39
A0G
A1G
A0
A1
M0
M1
X0
X1
Y0
Y1
....................................................
TS[2:0]
TC GT
V
N
Z
CS[2:0]
DC
(a) DSP data registers
(b) DSP status register (DSR)
32 31
0
31
12 11
9
8
7
6
5
4
3
1
0
Initial value
DSR : All 0
Others: Undefined
Figure 3.3 DSP Register Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com