Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7713 Datasheet(PDF) 118 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 118 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 114Page - Renesas Technology Corp SH7713 Datasheet HTML 115Page - Renesas Technology Corp SH7713 Datasheet HTML 116Page - Renesas Technology Corp SH7713 Datasheet HTML 117Page - Renesas Technology Corp SH7713 Datasheet HTML 118Page - Renesas Technology Corp SH7713 Datasheet HTML 119Page - Renesas Technology Corp SH7713 Datasheet HTML 120Page - Renesas Technology Corp SH7713 Datasheet HTML 121Page - Renesas Technology Corp SH7713 Datasheet HTML 122Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 904 page
background image
Section 3 DSP Operating Unit
Rev.1.50 Aug. 30, 2006 Page 78 of 860
REJ09B0288-0150
3.3
CPU Extended Instructions
3.3.1
Repeat Control Instructions
In DSP mode, a specific function is provided to execute repeat loops efficiently. By using this
function, loop programs can be executed without overhead caused by the compare and branch
instructions.
Examples of Repeat Loop Programs: Examples of repeat loop programs are shown below.
• Example 1: Repeat loop consisting of 4 or more instructions
LDRS RptStart
; Sets repeat start instruction address
to the RS register
LDRE RptStart +4
; Sets (repeat detection instruction
address + 4) to the RE register
SETRC #4
; Sets the number of repetitions (4) to
the RC[11:0] bits of the SR register
Instr0
; At least one instruction is required
from SETRC instruction to [Repeat start
instruction]
RptStart: instr1
; [Repeat start instruction]
... ...
;
... ...
;
RptDtct:
instr(N-3)
; Three instruction prior to the repeat
end instruction is regarded as repeat
detection instruction
RptEnd2:
instr(N-2)
;
RptEnd1:
instr(N-1)
;
RptEnd:
instrN
; [Repeat end instruction]
In the above program example, instructions from the RptStart address (instr1 instruction) to the
RptEnd address (instrN instruction) are repeated four times. These repeated instructions in the
program are called repeat loop. The start and end instructions of the repeat loop are called the
repeat start instruction and repeat end instruction, respectively. The CPU sequentially executes
instructions and starts repeat loop control if the CPU detects the completion of a specific
instruction. This specific instruction is called the repeat detection instruction. In a repeat loop
consisting of 4 or more instructions, an instruction three instructions prior to the repeat end
instruction is regarded as the repeat detection instruction. In a repeat loop consisting of 4 or more
instructions, the same instruction is regarded as the RptStart instruction and RptDtct instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com