| Electronic Components Datasheet Search |
|
SPMCK16Z4MPV16 Datasheet(PDF) 244 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMCK16Z4MPV16 Datasheet(HTML) 244 Page - Freescale Semiconductor, Inc |
|
244 / 500 page ![]() MULTICHANNEL COMMUNICATION INTERFACE M68HC16 Z SERIES 10-4 USER’S MANUAL Select a value for INTV so that each MCCI interrupt vector corresponds to one of the user-defined vectors ($40–$FF). Refer to the CPU16 Reference Manual (CPU16RM/ AD) for additional information on interrupt vectors. 10.2.2 Pin Control and General-Purpose I/O The eight pins used by the SPI and SCI subsystems have alternate functions as gen- eral-purpose I/O pins. Configuring the MCCI submodule includes programming each pin for either general-purpose I/O or its serial interface function. In either function, each pin must also be programmed as input or output. The MCCI data direction register (MDDR) assigns each MCCI pin as either input or output. The MCCI pin assignment register (MPAR) assigns the MOSI, MISO, and SS pins as either SPI pins or general-purpose I/O. (The fourth pin, SCK, is automatically assigned to the SPI whenever the SPI is enabled, for example, when the SPE bit in the SPI control register is set.) The receiver enable (RE) and transmitter enable (TE) bits in the SCI control registers (SCCR0A, SCCR0B) automatically assign the associ- ated pin as an SCI pin when set or general-purpose I/O when cleared. Table 10-2 summarizes how pin function and direction are assigned. 10.3 Serial Peripheral Interface (SPI) The SPI submodule communicates with external peripherals and other MCUs via a synchronous serial bus. The SPI is fully compatible with the serial peripheral interface systems found on othe Freescale devices, such as the M68HC11 and M68HC05 fam- ilies. The SPI can perform full duplex three-wire or half duplex two-wire transfers. Se- rial transfer of eight or sixteen bits can begin with the MSB or LSB. The system can be configured as a master or slave device. Figure 10-2 shows a block diagram of the SPI. Table 10-2 Pin Assignments Pin Function Assigned By Direction Assigned By TXDA/PMC7 TE bit in SCCR0A MMDR7 RXDA/PMC6 RE bit in SCCR0A MMDR6 TXDB/PMC5 TE bit in SCCR0B MMDR5 RXDB/PMC4 RE bit in SCCR0B MMDR4 SS/PMC3 SS bit in MPAR MMDR3 SCK/PMC2 SPE bit in SPCR MMDR2 MOSI/PMC1 MOSI bit in MPAR MMDR1 MISO/PMC0 MISO bit in MPAR MMDR0 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |