| Electronic Components Datasheet Search |
|
SPMCK16Z4MPV16 Datasheet(PDF) 108 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMCK16Z4MPV16 Datasheet(HTML) 108 Page - Freescale Semiconductor, Inc |
|
108 / 500 page ![]() SYSTEM INTEGRATION MODULE M68HC16 Z SERIES 5-2 USER’S MANUAL Figure 5-1 System Integration Module Block Diagram 5.2 System Configuration The SIM configuration register (SIMCR) governs several aspects of system operation. The following paragraphs describe those configuration options controlled by SIMCR. 5.2.1 Module Mapping Control registers for all the modules in the microcontroller are mapped into a 4-Kbyte block. The state of the module mapping (MM) bit in the SIM configuration register (SIMCR) determines where the control register block is located in the system memory map. When MM = 0, register addresses range from $7FF000 to $7FFFFF; when MM = 1, register addresses range from $FFF000 to $FFFFFF. In M68HC16 Z-series MCUs, ADDR[23:20] follow the logic state of ADDR19 unless externally driven. MM corresponds to IMB ADDR23. If MM is cleared, the SIM maps IMB modules into address space $7FF000 – $7FFFFF, which is inaccessible to the CPU16. Modules remain inaccessible until reset occurs. The reset state of MM is one, but the bit can be written once. Initialization software should make certain MM remains set. Z SERIES SIM BLOCK SYSTEM CONFIGURATION CLOCK SYNTHESIZER CHIP-SELECTS EXTERNAL BUS INTERFACE FACTORY TEST CLKOUT EXTAL MODCLK CHIP-SELECTS EXTERNAL BUS RESET TSC FREEZE/QUOT XTAL SYSTEM PROTECTION Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |