| Electronic Components Datasheet Search |
|
SPMCK16Z4MPV16 Datasheet(PDF) 150 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMCK16Z4MPV16 Datasheet(HTML) 150 Page - Freescale Semiconductor, Inc |
|
150 / 500 page ![]() SYSTEM INTEGRATION MODULE M68HC16 Z SERIES 5-44 USER’S MANUAL 5.6.5.1 Bus Errors The CPU16 treats bus errors as a type of exception. Bus error exception processing begins when the CPU16 detects assertion of the IMB BERR signal. BERR assertions do not force immediate exception processing. The signal is synchro- nized with normal bus cycles and is latched into the CPU16 at the end of the bus cycle in which it was asserted. Because bus cycles can overlap instruction boundaries, bus error exception processing may not occur at the end of the instruction in which the bus cycle begins. Timing of BERR detection/acknowledge is dependent upon several factors: • Which bus cycle of an instruction is terminated by assertion of BERR. • The number of bus cycles in the instruction during which BERR is asserted. • The number of bus cycles in the instruction following the instruction in which BERR is asserted. • Whether BERR is asserted during a program space access or a data space access. Because of these factors, it is impossible to predict precisely how long after occur- rence of a bus error the bus error exception is processed. Table 5-17 DSACK, BERR, and HALT Assertion Results Type of Termination Control Signal Asserted on Rising Edge of State Description of Result S1 NOTES: 1. S = The number of current even bus state (for example, S2, S4, etc.) S + 2 NORMAL DSACK BERR HALT A2 NA3 NA 2. A = Signal is asserted in this bus state. 3. NA = Signal is not asserted in this state. RA4 NA X5 4. RA = Signal was asserted in previous state and remains asserted in this state. 5. X = Don’t care Normal cycle terminate and continue. HALT DSACK BERR HALT A NA A/RA RA NA RA Normal cycle terminate and halt. Continue when HALT is negated. BUS ERROR 1 DSACK BERR HALT NA/A A NA X RA X Terminate and take bus error exception. BUS ERROR 2 DSACK BERR HALT A A NA X RA NA Terminate and take bus error exception. BUS ERROR 3 DSACK BERR HALT NA/A A A/S X RA RA Terminate and take bus error exception. BUS ERROR 4 DSACK BERR HALT A NA NA X A A Terminate and take bus error exception. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |