| Electronic Components Datasheet Search |
|
SPMCK16Z4MPV20 Datasheet(PDF) 417 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMCK16Z4MPV20 Datasheet(HTML) 417 Page - Freescale Semiconductor, Inc |
|
417 / 500 page ![]() M68HC16 Z SERIES REGISTER SUMMARY USER’S MANUAL D-43 D.6.6 SCI Status Register SCSR contains flags that show SCI operating conditions. These flags are cleared ei- ther by SCI hardware or by a read/write sequence. The sequence consists of reading SCSR, then reading or writing SCDR. If an internal SCI signal for setting a status bit comes after reading the asserted status bits, but before writing or reading SCDR, the newly set status bit is not cleared. SCSR must be read again with the bit set and SCDR must be read or written before the status bit is cleared. A long-word read can consecutively access both SCSR and SCDR. This action clears receive status flag bits that were set at the time of the read, but does not clear TDRE or TC flags. Reading either byte of SCSR causes all 16 bits to be accessed, and any status bit already set in either byte is cleared on a subsequent read or write of SCDR. Bits [15:9] — Not implemented TDRE — Transmit Data Register Empty 0 = Transmit data register still contains data to be sent to the transmit serial shifter. 1 = A new character can now be written to the transmit data register. TC — Transmit Complete 0 = SCI transmitter is busy. 1 = SCI transmitter is idle. RDRF — Receive Data Register Full 0 = Receive data register is empty or contains previously read data. 1 = Receive data register contains new data. RAF — Receiver Active 0 = SCI receiver is idle. 1 = SCI receiver is busy. IDLE — Idle-Line Detected 0 = SCI receiver did not detect an idle-line condition. 1 = SCI receiver detected an idle-line condition. OR — Overrun Error 0 = Receive data register is empty and can accept data from the receive serial shifter. 1 = Receive data register is full and cannot accept data from the receive serial shifter. Any data in the shifter is lost and RDRF remains set. SCSR — SCI Status Register $YFFC0C 15 9 8 7 6 5 4 3 2 1 0 NOT USED TDRE TC RDRF RAF IDLE OR NF FE PF RESET: 1 1 0 0 0 0 0 0 0 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |