Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPMCK16Z4MPV20 Datasheet(PDF) 419 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 419 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 415Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 416Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 417Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 418Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 419Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 420Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 421Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 422Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 423Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 419 / 500 page
background image
M68HC16 Z SERIES
REGISTER SUMMARY
USER’S MANUAL
D-45
D.6.9 Port QS Pin Assignment Register/Data Direction Register
Clearing a bit in PQSPAR assigns the corresponding pin to general-purpose I/O. Set-
ting a bit assigns the pin to the QSPI. PQSPAR does not affect operation of the SCI.
Table D-33 displays PQSPAR pin assignments.
DDRQS determines whether pins configured for general-purpose I/O are inputs or out-
puts. Clearing a bit makes the corresponding pin an input; setting a bit makes the pin
an output. DDRQS affects both QSPI function and I/O function.Table D-34 shows the
effect of DDRQS on QSM pin function.
PQSPAR — PORT QS Pin Assignment Register
$YFFC16
DDRQS — PORT QS Data Direction Register
$YFFC17
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
NOT
USED
PQSPA6 PQSPA5 PQSPA4 PQSPA3
NOT
USED
PQSPA1 PQSPA0 DDQS7 DDQS6 DDQS5 DDQS4 DDQS3 DDQS2 DDQS1 DDQS0
RESET:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table D-33 PQSPAR Pin Assignments
PQSPAR Field
PQSPAR Bit
Pin Function
PQSPA0
0
1
PQS0
MISO
PQSPA1
0
1
PQS1
MOSI
—
—
—
PQS21
SCK
NOTES:
1. PQS2 is a digital I/O pin unless the SPI is enabled (SPE set in
SPCR1), in which case it becomes the QSPI serial clock SCK.
PQSPA3
0
1
PQS3
PCS0/SS
PQSPA4
0
1
PQS4
PCS1
PQSPA5
0
1
PQS5
PCS2
PQSPA6
0
1
PQS6
PCS3
—
—
—
PQS72
TXD
2. PQS7 is a digital I/O pin unless the SCI transmitter is enabled (TE set
in SCCR1), in which case it becomes the SCI serial output TXD.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com