Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331 Datasheet(PDF) 267 Page - Microchip Technology

Part # PIC18LF4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331 Datasheet(HTML) 267 Page - Microchip Technology

Back Button PIC18LF4331 Datasheet HTML 263Page - Microchip Technology PIC18LF4331 Datasheet HTML 264Page - Microchip Technology PIC18LF4331 Datasheet HTML 265Page - Microchip Technology PIC18LF4331 Datasheet HTML 266Page - Microchip Technology PIC18LF4331 Datasheet HTML 267Page - Microchip Technology PIC18LF4331 Datasheet HTML 268Page - Microchip Technology PIC18LF4331 Datasheet HTML 269Page - Microchip Technology PIC18LF4331 Datasheet HTML 270Page - Microchip Technology PIC18LF4331 Datasheet HTML 271Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 267
PIC18F2331/2431/4331/4431
REGISTER 23-4:
CONFIG3L: CONFIGURATION REGISTER 3 LOW (BYTE ADDRESS 300004h)
U-0
U
R/P-1
R/P-1
R/P-1
R/P-1
U
U
—
—T1OSCMX
HPOL(1)
LPOL(1)
PWMPIN(3)
—
—
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
U = Unchanged from programmed state
bit 7-6
Unimplemented:
Read as ‘0’
bit 5
T1OSCMX:
Timer1 Oscillator Mode bit
1
= Low-power Timer1 operation when microcontroller is in Sleep mode
0
= Standard (legacy) Timer1 oscillator operation
bit 4
HPOL:
High Side Transistors Polarity bit (i.e., Odd PWM Output Polarity Control bit)(1)
1
= PWM1, 3, 5 and 7 are active-high (default)(2)
0
= PWM1, 3, 5 and 7 are active-low(2)
bit 3
LPOL:
Low Side Transistors Polarity bit (i.e., Even PWM Output Polarity Control bit)(1)
1
= PWM0, 2, 4 and 6 are active-high (default)(2)
0
= PWM0, 2, 4 and 6 are active-low(2)
bit 2
PWMPIN:
PWM Output Pins Reset State Control bit(3)
1
= PWM outputs are disabled upon Reset (default)
0
= PWM outputs drive active states upon Reset
bit 1-0
Unimplemented:
Read as ‘0’
Note 1:
Polarity control bits, HPOL and LPOL, define PWM signal output active and inactive states; PWM states
generated by the Fault inputs or PWM manual override.
2:
PWM6 and PWM7 output channels are only available on PIC18F4331/4431 devices.
3:
When PWMPIN = 0, PWMEN<2:0> = 101 if the device has eight PWM output pins (40 and 44-pin
devices) and PWMEN<2:0> = 100 if the device has six PWM output pins (28-pin devices). PWM output
polarity is defined by HPOL and LPOL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com