Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331 Datasheet(PDF) 271 Page - Microchip Technology

Part # PIC18LF4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331 Datasheet(HTML) 271 Page - Microchip Technology

Back Button PIC18LF4331 Datasheet HTML 267Page - Microchip Technology PIC18LF4331 Datasheet HTML 268Page - Microchip Technology PIC18LF4331 Datasheet HTML 269Page - Microchip Technology PIC18LF4331 Datasheet HTML 270Page - Microchip Technology PIC18LF4331 Datasheet HTML 271Page - Microchip Technology PIC18LF4331 Datasheet HTML 272Page - Microchip Technology PIC18LF4331 Datasheet HTML 273Page - Microchip Technology PIC18LF4331 Datasheet HTML 274Page - Microchip Technology PIC18LF4331 Datasheet HTML 275Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 271
PIC18F2331/2431/4331/4431
REGISTER 23-9:
CONFIG6L: CONFIGURATION REGISTER 6 LOW (BYTE ADDRESS 30000Ah)
U-0
U-0
U-0
U-0
R/P-1
R/P-1
R/P-1
R/P-1
—
—
—
—WRT3(1,2)
WRT2(1,2)
WRT1(2)
WRT0(2)
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
U = Unchanged from programmed state
bit 7-4
Unimplemented:
Read as ‘0’
bit 3
WRT3:
Write Protection bit(1,2)
1
= Block 3 is not write-protected
0
= Block 3 is write-protected
bit 2
WRT2:
Write Protection bit(1,2)
1
= Block 2 is not write-protected
0
= Block 2 is write-protected
bit 1
WRT1:
Write Protection bit(2)
1
= Block 1 is not write-protected
0
= Block 1 is write-protected
bit 0
WRT0:
Write Protection bit(2)
1
= Block 0 is not write-protected
0
= Block 0 is write-protected
Note 1:
Unimplemented in PIC18F2331/4331 devices; maintain this bit set.
2:
Refer to Figure 23-5 for block boundary addresses.
REGISTER 23-10: CONFIG6H: CONFIGURATION REGISTER 6 HIGH (BYTE ADDRESS 30000Bh)
R/P-1
R/P-1
R-1
U-0
U-0
U-0
U-0
U-0
WRTD(2)
WRTB(2)
WRTC(1,2)
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
U = Unchanged from programmed state
bit 7
WRTD:
Data EEPROM Write Protection bit(2)
1
= Data EEPROM is not write-protected
0
= Data EEPROM is write-protected
bit 6
WRTB:
Boot Block Write Protection bit(2)
1
= Boot block is not write-protected
0
= Boot block is write-protected
bit 5
WRTC:
Configuration Register Write Protection bit(1,2)
1
= Configuration registers are not write-protected
0
= Configuration registers are write-protected
bit 4-0
Unimplemented:
Read as ‘0’
Note 1:
This bit is read-only in normal execution mode; it can be written only in Program mode.
2:
Refer to Figure 23-5 for block boundary addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com