Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331 Datasheet(PDF) 282 Page - Microchip Technology

Part # PIC18LF4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331 Datasheet(HTML) 282 Page - Microchip Technology

Back Button PIC18LF4331 Datasheet HTML 278Page - Microchip Technology PIC18LF4331 Datasheet HTML 279Page - Microchip Technology PIC18LF4331 Datasheet HTML 280Page - Microchip Technology PIC18LF4331 Datasheet HTML 281Page - Microchip Technology PIC18LF4331 Datasheet HTML 282Page - Microchip Technology PIC18LF4331 Datasheet HTML 283Page - Microchip Technology PIC18LF4331 Datasheet HTML 284Page - Microchip Technology PIC18LF4331 Datasheet HTML 285Page - Microchip Technology PIC18LF4331 Datasheet HTML 286Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 282
 2010 Microchip Technology Inc.
23.5.2
DATA EEPROM
CODE PROTECTION
The entire data EEPROM is protected from external
reads and writes by two bits: CPD and WRTD. CPD
inhibits external reads and writes of data EEPROM.
WRTD inhibits external writes to data EEPROM. The
CPU can continue to read and write data EEPROM
regardless of the protection bit settings.
23.5.3
CONFIGURATION REGISTER
PROTECTION
The Configuration registers can be write-protected.
The WRTC bit controls protection of the Configuration
registers. In normal execution mode, the WRTC bit is
readable only. WRTC can only be written via ICSP or
an external programmer.
23.6
ID Locations
Eight memory locations (200000h-200007h) are
designated as ID locations, where the user can store
checksum or other code identification numbers. These
locations are both readable and writable during normal
execution through the TBLRD and TBLWT instructions,
or during program/verify. The ID locations can be read
when the device is code-protected.
23.7
In-Circuit Serial Programming
PIC18F2331/2431/4331/4431 microcontrollers can be
serially programmed while in the end application circuit.
This is simply done with two lines for clock and data,
and three other lines for power, ground and the
programming voltage. This allows customers to manu-
facture boards with unprogrammed devices, and then
program the microcontroller just before shipping the
product. This also allows the most recent firmware or a
custom firmware to be programmed.
23.8
In-Circuit Debugger
When the DEBUG bit in the CONFIG4L Configuration
register is programmed to a ‘0’, the In-Circuit Debugger
functionality is enabled. This function allows simple
debugging functions when used with MPLAB® IDE.
When the microcontroller has this feature enabled,
some resources are not available for general use.
Table 23-4 shows which resources are required by the
background debugger.
TABLE 23-4:
DEBUGGER RESOURCES
To use the In-Circuit Debugger function of the micro-
controller, the design must implement In-Circuit Serial
Programming connections to MCLR/VPP, VDD, VSS,
RB7 and RB6. This will interface to the In-Circuit
Debugger module available from Microchip or one of
the third party development tool companies.
23.9
Single-Supply ICSP™
Programming
The
LVP
bit
in
Configuration
Register
4L
(CONFIG4L<2>)
enables
Single-Supply
ICSP
Programming. When LVP is enabled, the microcontroller
can be programmed without requiring high voltage being
applied to the MCLR/VPP pin, but the RB5/PGM pin is
then dedicated to controlling Program mode entry and is
not available as a general purpose I/O pin.
LVP is enabled in erased devices.
While programming, using Single-Supply Program-
ming, VDD is applied to the MCLR/VPP pin as in normal
execution mode. To enter Programming mode, VDD is
applied to the PGM pin.
If Single-Supply ICSP Programming mode will not be
used, the LVP bit can be cleared and RB5/PGM
becomes available as the digital I/O pin RB5. The LVP
bit may be set or cleared only when using standard
high-voltage programming (VIHH applied to the MCLR/
VPP pin). Once LVP has been disabled, only the
standard high-voltage programming is available and
must be used to program the device.
Memory that is not code-protected can be erased using
either a block erase, or erased row by row, then written
at any specified VDD. If code-protected memory is to be
erased, a block erase is required. If a block erase is to
be performed when using Single-Supply Programming,
the device must be supplied with VDD of 4.5V to 5.5V.
I/O pins:
RB6, RB7
Stack:
2 levels
Program Memory:
<1 Kbytes
Data Memory:
16 bytes
Note 1:
High-voltage programming is always
available, regardless of the state of the
LVP bit or the PGM pin, by applying VIHH
to the MCLR pin.
2:
When Single-Supply Programming is
enabled, the RB5 pin can no longer be
used as a general purpose I/O pin.
3:
When LVP is enabled externally, pull the
PGM pin to VSS to allow normal program
execution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com