Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331 Datasheet(PDF) 112 Page - Microchip Technology

Part # PIC18LF4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331 Datasheet(HTML) 112 Page - Microchip Technology

Back Button PIC18LF4331 Datasheet HTML 108Page - Microchip Technology PIC18LF4331 Datasheet HTML 109Page - Microchip Technology PIC18LF4331 Datasheet HTML 110Page - Microchip Technology PIC18LF4331 Datasheet HTML 111Page - Microchip Technology PIC18LF4331 Datasheet HTML 112Page - Microchip Technology PIC18LF4331 Datasheet HTML 113Page - Microchip Technology PIC18LF4331 Datasheet HTML 114Page - Microchip Technology PIC18LF4331 Datasheet HTML 115Page - Microchip Technology PIC18LF4331 Datasheet HTML 116Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 112
 2010 Microchip Technology Inc.
10.6
INTx Pin Interrupts
External interrupts on the INT0, INT1 and INT2 pins are
edge-triggered. If the corresponding INTEDGx bit in the
INTCON2 register is set (= 1), the interrupt is triggered
by a rising edge. If the bit is clear, the trigger is on the
falling edge.
When a valid edge appears on the INTx pin, the corre-
sponding flag bit, INTxIF, is set. This interrupt can be
disabled by clearing the corresponding enable bit,
INTxIE. Before re-enabling the interrupt, the flag bit,
INTxIF, must be cleared in software in the Interrupt
Service Routine.
All external interrupts (INT0, INT1 and INT2) can wake-
up the processor from the Idle or Sleep modes if bit,
INTxIE, was set prior to going into those modes. If the
Global Interrupt Enable bit, GIE, is set, the processor
will branch to the interrupt vector following wake-up.
Interrupt priority for INT1 and INT2 is determined by
the value contained in the Interrupt Priority bits,
INT1IP (INTCON3<6>) and INT2IP (INTCON3<7>).
There is no priority bit associated with INT0. It is
always a high-priority interrupt source.
10.7
TMR0 Interrupt
In 8-bit mode (which is the default), an overflow
(FFh
 00h) in the TMR0 register will set flag bit,
TMR0IF. In 16-bit mode, an overflow (FFFFh
0000h)
in the TMR0H:TMR0L registers will set flag bit,
TMR0IF. The interrupt can be enabled/disabled by
setting/clearing enable bit, TMR0IE (INTCON<5>).
Interrupt priority for Timer0 is determined by the value
contained in the interrupt priority bit, TMR0IP
(INTCON2<2>). See Section 12.0 “Timer0 Module”
for further details.
10.8
PORTB Interrupt-on-Change
An input change on PORTB<7:4> sets flag bit, RBIF
(INTCON<0>). The interrupt can be enabled/disabled
by setting/clearing enable bit, RBIE (INTCON<3>).
Interrupt priority for PORTB interrupt-on-change is
determined by the value contained in the interrupt
priority bit, RBIP (INTCON2<0>).
10.9
Context Saving During Interrupts
During interrupts, the return PC address is saved on
the stack. Additionally, the WREG, STATUS and BSR
registers are saved on the fast return stack. If a fast
return from interrupt is not used (see Section 6.1.3
“Fast Register Stack”
), the user may need to save the
WREG, STATUS and BSR registers on entry to the
Interrupt Service Routine. Depending on the user’s
application, other registers may also need to be saved.
Example 10-1 saves and restores the WREG, STATUS
and BSR registers during an Interrupt Service Routine.
EXAMPLE 10-1:
SAVING STATUS, WREG AND BSR REGISTERS IN RAM
MOVWF
W_TEMP
; W_TEMP is in virtual bank
MOVFF
STATUS, STATUS_TEMP
; STATUS_TEMP located anywhere
MOVFF
BSR, BSR_TEMP
; BSR_TMEP located anywhere
;
; USER ISR CODE
;
MOVFF
BSR_TEMP, BSR
; Restore BSR
MOVF
W_TEMP, W
; Restore WREG
MOVFF
STATUS_TEMP, STATUS
; Restore STATUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com