Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331 Datasheet(PDF) 178 Page - Microchip Technology

Part # PIC18LF4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331 Datasheet(HTML) 178 Page - Microchip Technology

Back Button PIC18LF4331 Datasheet HTML 174Page - Microchip Technology PIC18LF4331 Datasheet HTML 175Page - Microchip Technology PIC18LF4331 Datasheet HTML 176Page - Microchip Technology PIC18LF4331 Datasheet HTML 177Page - Microchip Technology PIC18LF4331 Datasheet HTML 178Page - Microchip Technology PIC18LF4331 Datasheet HTML 179Page - Microchip Technology PIC18LF4331 Datasheet HTML 180Page - Microchip Technology PIC18LF4331 Datasheet HTML 181Page - Microchip Technology PIC18LF4331 Datasheet HTML 182Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 178
 2010 Microchip Technology Inc.
REGISTER 18-1:
PTCON0: PWM TIMER CONTROL REGISTER 0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PTOPS3
PTOPS2
PTOPS1
PTOPS0
PTCKPS1
PTCKPS0
PTMOD1
PTMOD0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
PTOPS<3:0>:
PWM Time Base Output Postscale Select bits
0000
= 1:1 Postscale
0001
= 1:2 Postscale
.
.
.
1111
= 1:16 Postscale
bit 3-2
PTCKPS<1:0>:
PWM Time Base Input Clock Prescale Select bits
00
= PWM time base input clock is FOSC/4 (1:1 prescale)
01
= PWM time base input clock is FOSC/16 (1:4 prescale)
10
= PWM time base input clock is FOSC/64 (1:16 prescale)
11
= PWM time base input clock is FOSC/256 (1:64 prescale)
bit 1-0
PTMOD<1:0>:
PWM Time Base Mode Select bits
11
= PWM time base operates in a Continuous Up/Down Count mode with interrupts for double PWM
updates
10
= PWM time base operates in a Continuous Up/Down Count mode
01
= PWM time base configured for Single-Shot mode
00
= PWM time base operates in a Free-Running mode
REGISTER 18-2:
PTCON1: PWM TIMER CONTROL REGISTER 1
R/W-0
R-0
U-0
U-0
U-0
U-0
U-0
U-0
PTEN
PTDIR
—
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
PTEN:
PWM Time Base Timer Enable bit
1
= PWM time base is on
0
= PWM time base is off
bit 6
PTDIR:
PWM Time Base Count Direction Status bit
1
= PWM time base counts down
0
= PWM time base counts up
bit 5-0
Unimplemented:
Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com