Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53CEC Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 19Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 20Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 21Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 22Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 23Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 24Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 25Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 26Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 204 page
background image
Electrical Characteristics
i.MX53xD Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
23
Table 9. Maximal Supply Currents
Power Line
Conditions
Max Current
Unit
VDDGP
1000 MHz ARM clock.
1700
mA
VCC
800
mA
VDDA+VDDAL1
100
mA
VDD_DIG_PLL
10
mA
VP
20
mA
VDD_ANA_PLL
10
mA
MVCC_XTAL
25
mA
VDD_REG
325
mA
VDD_FUSE
Fuse Write Mode
operation
120
mA
NVCC_EMI_DRAM
1.8v (DDR2)
800
mA
1.5v (DDR3)
650
mA
1.2v (LPDDR2)
250
mA
TVDAC_DHVDD + TVDAC_AHVDDRGB
200
mA
NVCC_SRTC_POW
<1
mA
USB_H1_VDDA25 +
USB_OTG_VDDA25
50
mA
USB_H1_VDDA33 +
USB_OTG_VDDA33
20
mA
VPH
60
mA
NVCC_CKIH
Use maximal IO Eq1, N=4
NVCC_CSI
Use maximal IO Eq1, N=20
NVCC_EIM_MAIN
Use maximal IO Eq1, N=39
NVCC_EIM_SEC
Use maximal IO Eq1, N=16
NVCC_EMI_DRAM
Use maximal IO Eq1, N=78
NVCC_FEC
Use maximal IO Eq1, N=11
NVCC_GPIO
Use maximal IO Eq1, N=13
NVCC_JTAG
Use maximal IO Eq1, N=6
NVCC_KPAD
Use maximal IO Eq1, N=11
NVCC_LCD
Use maximal IO Eq1, N=29
NVCC_LVDS
Use maximal IO Eq1, N=20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com