Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53CEC Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 21Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 22Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 23Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 24Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 25Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 26Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 27Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 28Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 204 page
background image
Electrical Characteristics
i.MX53xD Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
25
4.1.6
USB-OH-3 (OTG + 3 Host ports) Module and the Two USB PHY (OTG
and H1) Current Consumption
Table 10 shows the USB interface current consumption.
4.2
Power Supplies Requirements and Restrictions
The system design must comply with power-up sequence, power-down sequence and steady state
guidelines as described in this section to guarantee the reliable operation of the device. Any deviation from
these sequences may result in the following situations:
•
Excessive current during power-up phase
•
Prevention of the device from booting
•
Irreversible damage to the i.MX53xD processor (worst-case scenario)
4.2.1
Power-Up Sequence
The following observations should be considered:
•The consequent steps in power up sequence should not start before the previous step supplies have
been stabilized within 90-110% of their nominal voltage, unless stated otherwise.
•NVCC_SRTC_POW should remain powered ON continuously, to maintain internal real-time
clock status. Otherwise, it has to be powered ON together with VCC, or preceding VCC.
•The VCC should be powered ON together, or any time after NVCC_SRTC_POW.
•NVCC_CKIH should be powered ON after VCC is stable and before other IO supplies
(NVCC_xxx) are powered ON.
Table 10. USB Interface Current Consumption
Parameter
Conditions
Typical at 25 °C
Max
Unit
Analog Supply 3.3 V
USB_H1_VDDA33
USB_OTG_VDDA33
Full Speed
RX
5.5
6
mA
TX
7
8
High Speed
RX
5
6
TX
5
6
Analog Supply 2.5 V
USB_H1_VDDA25
USB_OTG_VDDA25
Full Speed
RX
6.5
7
mA
TX
6.5
7
High Speed
RX
12
13
TX
21
22
Digital Supply
VCC (1.2 V)
Full Speed
RX
8
—
mA
TX
8
—
High Speed
RX
8
—
TX
8
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com