Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53CEC Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 15Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 16Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 17Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 18Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 19Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 20Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 21Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 22Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 204 page
background image
Electrical Characteristics
i.MX53xD Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
19
4.1.2.2
PoP Package Thermal Resistance
Table 6 provides the PoP package thermal resistance data.
3 Per JEDEC JESD51-6 with the board horizontal.
4 Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on
the top surface of the board near the package.
5 Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883 Method
1012.1).
6 Thermal characterization parameter indicating the temperature difference between package top and the junction temperature
per JEDEC JESD51-2.
Table 6. PoP Package Thermal Resistance Data1
1 Calculated for just the i.MX53xD package, without the top mounted memory package.
Rating
Board
Symbol
As
designed
Center
Array of
Pillars
used for
Ground
Unit
Junction to Ambient (natural convection)2, 3
2 Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site
(board) temperature, ambient temperature, air flow, power dissipation of other components on the board, and board
thermal resistance.
3 Per JEDEC JESD51-2 with the single layer board horizontal. Board meets JESD51-9 specification.
Single layer board
(1s)
RθJA
45
45
°C/W
Junction to Ambient (natural convection)2, 3, 4
4 Per JEDEC JESD51-6 with the board horizontal.
Four layer board
(2s2p)
RθJA
23
22
°C/W
Junction to Ambient (at 200 ft/min)2, 4
Single layer board
(1s)
RθJMA
36
35
°C/W
Junction to Ambient (at 200 ft/min)2, 4
Four layer board
(2s2p)
RθJMA
19
18
°C/W
Junction to Board5
5 Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured
on the top surface of the board near the package.
—RθJB
8.4
7.2
°C/W
Junction to Case6
6 Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883
Method 1012.1).
—RθJC
<0.1
<0.1
°C/W
Junction to Package Top (natural convection)7
7 Thermal characterization parameter indicating the temperature difference between package top and the junction
temperature per JEDEC JESD51-2.
—
Ψ
JT
22
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com