Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53CEC Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 16Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 17Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 18Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 19Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 20Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 21Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 22Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 23Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 204 page
background image
i.MX53xD Applications Processors for Consumer Products, Rev. 2
20
Freescale Semiconductor
Electrical Characteristics
4.1.3
Operating Ranges
Table 7 provides the operating ranges of i.MX53xD processor.
Table 7. i.MX53xD Operating Ranges
Symbol
Parameter
Minimum1 Nominal2 Maximum1
Unit
VDDGP3
ARM core supply voltage
fARM ≤ 167 MHz
0.85
0.9
0.95
V
ARM core supply voltage
fARM ≤ 400 MHz
0.9
0.95
1.05
V
ARM core supply voltage
fARM ≤ 800 MHz
1.05
1.1
1.15
V
ARM core supply voltage
fARM ≤ 1000 MHz
1.2
1.25
1.3
V
ARM core supply voltage
Stop mode
0.8
0.85
1.3
V
VCC
Peripheral supply voltage
1.25
1.3
1.35
V
Peripheral supply voltage—Stop mode
0.9
0.95
1.35
V
VDDA4
Memory arrays voltage
1.25
1.30
1.35
V
Memory arrays voltage—Stop mode
0.9
0.95
1.35
V
VDDAL14
L1 Cache Memory arrays voltage
1.25
1.30
1.35
V
L1 Cache Memory arrays voltage—Stop mode
0.9
0.95
1.35
V
VDD_DIG_PLL5
PLL Digital supplies—external regulator option
1.25
1.3
1.35
V
VDD_ANA_PLL6
PLL Analog supplies—external regulator option
1.75
1.8
1.95
V
NVCC_CKIH
ESD protection of the CKIH pins, FUSE read Supply
and 1.8V bias for the UHVIO pads
1.65
1.8
1.95
V
NVCC_LCD
NVCC_JTAG
GPIO digital power supplies
1.65
1.8 or
2.775
3.1
V
NVCC_LVDS
LVDS interface Supply
2.25
2.5
2.75
V
NVCC_LVDS_BG
LVDS Band Gap Supply
2.25
2.5
2.75
V
NVCC_EMI_DRAM
DDR Supply DDR2 range
1.7
1.8
1.9
V
DDR Supply LPDDR2 range
1.14
1.2
1.3
DDR Supply LV-DDR2 range
1.47
1.55
1.63
1.42
1.5
1.58
DDR Supply DDR3 range
1.42
1.5
1.58
VDD_FUSE7
Fusebox Program Supply (Write Only)
3.0
—
3.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com