Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53CEC Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 34Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 35Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 36Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 37Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 38Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 39Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 40Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 41Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 204 page
background image
i.MX53xD Applications Processors for Consumer Products, Rev. 2
38
Freescale Semiconductor
Electrical Characteristics
Table 19 shows DDR output driver average impedance of the i.MX53 processor.
Table 19. DDR Output Driver Average Impedance1
1 Output driver impedance is controlled across PVTs (process, voltages, and temperatures) using calibration procedure and
pu_*cal, pd_*cal input pins.
Parameter
Symbol
Test Conditions
Drive strength (DSE)
Unit
000
001
010
011
100
101
110
111
Output
Driver
Impedance
Rdrv2
2 Output driver impedance deviation (calibration accuracy) is ±5% (max/min impedance) across PVTs.
LPDDR1/DDR2 mode
NVCC_DRAM = 1.8 V
DDR_SEL = 00
Calibration resistance = 300
Ω3
3 Calibration is done against external reference resistor. Value of the resistor should be varied depending on DDR mode and
DDR_SEL setting.
Hi-Z
300
150
100
75
60
50
43
Ω
DDR2 mode
NVCC_DRAM = 1.8 V
DDR_SEL = 01
Calibration resistance = 180
Ω3
Hi-Z
180
90
60
45
36
30
26
DDR2 mode
NVCC_DRAM = 1.8 V
DDR_SEL = 10
Calibration resistance = 200
Ω3
Hi-Z
200
100
66
50
40
33
28
DDR2 mode
NVCC_DRAM= 1.8 V
DDR_SEL = 11
Calibration resistance = 140
Ω3
Hi-Z
140
70
46
35
28
23
20
LPDDR2 mode
NVCC_DRAM= 1.2 V
DDR_SEL = 014
Calibration resistance = 160
Ω3
4 If DDR_SEL = ‘01’ or DDR_SEL = ‘11’ are selected with NVCC_DRAM = 1.2 V for LPDDR2 operation, the external reference
resistor value must be 160
Ω for a correct ZQ calibration. In any case, reference resistors attached to the DDR memory devices
should be kept to 240
Ω per the JEDEC standard.
Hi-Z
160
80
53
40
32
27
23
LPDDR2 mode
NVCC_DRAM = 1.2 V
DDR_SEL = 10
Calibration resistance = 240
Ω3
Hi-Z
240
120
80
60
48
40
34
LPDDR2 mode
NVCC_DRAM = 1.2 V
DDR_SEL = 114
Calibration resistance = 160
Ω3
Hi-Z
160
80
53
40
32
27
23
DDR3 mode
NVCC_DRAM = 1.5 V
DDR_SEL = 00
Calibration resistance = 200
Ω3
Hi-Z
240
120
80
60
48
48
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com