Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53CEC Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 11Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 12Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 13Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 14Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 15Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 16Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 17Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 18Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 204 page
background image
Modules List
i.MX53xD Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
15
IPTP
IEEE1588
Precision Time
Protocol
Connectivity
Peripherals
The IEEE 1588-2002 (version 1) standard defines a precision time protocol
(PTP) - which is a time-transfer protocol that enables synchronization of
networks (for example, Ethernet), to a high degree of accuracy and
precision.
The IEEE1588 hardware assist is composed of the two blocks: time stamp
unit and real time clock, which provide the timestamping protocol’s
functionality, generating and reading the needed timestamps.
The hardware-assisted implementation delivers more precise clock
synchronization at significantly lower CPU load compared to purely
software implementations.
Temperature
Monitor
(Part of SATA
Block)
System
Control
Peripherals
The temperature sensor is an internal module to the i.MX53xD that
monitors the die temperature. The monitor is capable in generating SW
interrupt, or trigger the CCM, to reduce the core operating frequency.
TVE
TV Encoder
Multimedia
The TV encoder, version 2.1 is implemented in conjunction with the image
processing unit (IPU) allowing handheld devices to display captured still
images and video directly on a TV or LCD projector. It supports composite
PAL/NTSC, VGA, S-video, and component up to HD1080p analog video
outputs.
TZIC
TrustZone Aware
Interrupt
Controller
ARM/Control
The TrustZone interrupt controller (TZIC) collects interrupt requests from all
i.MX53xD sources and routes them to the ARM core. Each interrupt can be
configured as a normal or a secure interrupt. Software Force Registers and
software Priority Masking are also supported.
UART-1
UART-2
UART-3
UART-4
UART-5
UART Interface
Connectivity
Peripherals
Each of the UART blocks supports the following serial data transmit/receive
protocols and configurations:
• 7 or 8-bit data words, 1 or 2 stop bits, programmable parity (even, odd,
or none)
• Programmable bit-rates up to 4 Mbps. This is a higher max baud rate
relative to the 1.875 Mbps, which is specified by the TIA/EIA-232-F
standard.
• 32-byte FIFO on Tx and 32 half-word FIFO on Rx supporting auto-baud
• IrDA 1.0 support (up to SIR speed of 115200 bps)
• Option to operate as 8-pins full UART, DCE, or DTE
USB
USB Controller
Connectivity
Peripherals
USB supports USB2.0 480 MHz, and contains:
• One high-speed OTG sub-block with integrated HS USB PHY
• One high-speed host sub-block with integrated HS USB PHY
• Two identical high-speed Host modules
The high-speed OTG module, which is internally connected to the HS USB
PHY, is equipped with transceiver-less logic to enable on-board USB
connectivity without USB transceivers
All the USB ports are equipped with standard digital interfaces (ULPI, HS
IC-USB) and transceiver-less logic to enable onboard USB connectivity
without USB transceivers.
Table 2. i.MX53xD Digital and Analog Blocks (continued)
Block
Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com