Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53CEC Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 36Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 37Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 38Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 39Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 40Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 41Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 42Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 43Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 204 page
background image
i.MX53xD Applications Processors for Consumer Products, Rev. 2
40
Freescale Semiconductor
Electrical Characteristics
4.5.1
GPIO I/O AC Electrical Characteristics
AC electrical characteristics for GPIO I/O in slow and fast modes are presented in the Table 21 and
Table 22, respectively. Note that the fast or slow I/O behavior is determined by the appropriate control bit
in the IOMUXC control registers.
Table 21. GPIO I/O AC Parameters Slow Mode
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output Pad Transition Times (Max Drive)
tr, tf
15 pF
35 pF
——
1.91/1.52
3.07/2.65
ns
Output Pad Transition Times (High Drive)
tr, tf
15 pF
35 pF
——
2.22/1.81
3.81/3.42
ns
Output Pad Transition Times (Medium Drive)
tr, tf
15 pF
35 pF
——
2.88/2.42
5.43/5.02
ns
Output Pad Transition Times (Low Drive)
tr, tf
15 pF
35 pF
——
4.94/4.50
10.55/9.70
ns
Output Pad Slew Rate (Max Drive)1
1 tps is measured between VIL to VIH for rising edge and between VIH to VIL for falling edge.
tps
15 pF
35 pF
0.5/0.65
0.32/0.37
——
V/ns
Output Pad Slew Rate (High Drive)1
tps
15 pF
35 pF
0.43/0.54
0.26/0.41
——
Output Pad Slew Rate (Medium Drive)1
tps
15 pF
35 pF
0.34/0.41
0.18/0.2
——
Output Pad Slew Rate (Low Drive)1
tps
15 pF
35 pF
0.20/0.22
0.09/0.1
——
Output Pad di/dt (Max Drive)
tdit
—
—
—
30
mA/ns
Output Pad di/dt (High Drive)
tdit
—
—
—
23
Output Pad di/dt (Medium drive)
tdit
—
—
—
15
Output Pad di/dt (Low drive)
tdit
—
—
—
7
Input Transition Times2
2 Hysteresis mode is recommended for inputs with transition times greater than 25 ns.
trm
—
—
—
25
ns
Table 22. GPIO I/O AC Parameters Fast Mode
Parameter
Symbol
Test
Condition
Min
Typ
Max
Unit
Output Pad Transition Times (Max Drive)
tr, tf
15 pF
35 pF
—
—
1.45/1.24
2.76/2.54
ns
Output Pad Transition Times (High Drive)
tr, tf
15 pF
35 pF
—
—
1.81/1.59
3.57/3.33
ns
Output Pad Transition Times (Medium
Drive)
tr, tf
15 pF
35 pF
—
—
2.54/2.29
5.25/5.01
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com