Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53CEC Datasheet(PDF) 106 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 106 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 102Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 103Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 104Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 105Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 106Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 107Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 108Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 109Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 110Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 204 page
background image
i.MX53xD Applications Processors for Consumer Products, Rev. 2
106
Freescale Semiconductor
Electrical Characteristics
Table 65. Asynchronous Parallel Interface Timing Parameters (Access Level)
ID
Parameter
Symbol
Min
Typ1
1The exact conditions have not been finalized, but will likely match the current customer requirement for their specific display.
These conditions may be chip specific.
Max
Unit
IP28 Write system cycle time
Tcycw
Tdicpw – 1.24
Tdicpw2
2Display period value for write
ACCESS_SIZE is predefined in REGISTER.
Tdicpw+1.24
ns
IP29 RS start
Tdcsrr
Tdicurs – 1.24
Tdicurs
Tdicurs+1.24
ns
IP30 CS start
Tdcsc
Tdicucs – 1.24
Tdicur
Tdicucs+1.24
ns
IP31 CS hold
Tdchc
Tdicdcs – Tdicucs – 1.2
4
Tdicdcs3–Tdicucs4
3Display control down for CS
DISP_DOWN is predefined in REGISTER.
4Display control up for CS
DISP_UP is predefined in REGISTER.
Tdicdcs – Tdicucs+1.24
ns
IP32 RS hold
Tdchrr
Tdicdrs – Tdicurs – 1.24 Tdicdrs5–Tdicurs6
5Display control down for RS
DISP_DOWN is predefined in REGISTER.
6Display control up for RS
DISP_UP is predefined in REGISTER.
Tdicdrs – Tdicurs+1.24
ns
IP35 Controls setup time for
write
Tdcsw
Tdicuw – 1.24
Tdicuw
Tdicuw+1.24
ns
IP36 Controls hold time for
write
Tdchw
Tdicdw – Tdicuw – 1.24
Tdicpw7–Tdicuw8
Tdicdw–Tdicuw+1.24
ns
IP38 Slave device data hold
time8
Troh
Tdrp–Tlbd–Tdicdr+1.
24
—
Tdicpr – Tdicdr – 1.24
ns
Tdicpw
T
DI_CLK
ceil
×
DI_ACCESS_SIZE_#
DI_CLK_PERIOD
-----------------------------------------------------
=
Tdicdcs
1
2
---T
DI_CLK
ceil
×
2
DISP_DOWN_#
×
DI_CLK_PERIOD
--------------------------------------------------
⎝⎠
⎛⎞
=
Tdicucs
1
2
---T
DI_CLK
ceil
×
2
DISP_UP_#
×
DI_CLK_PERIOD
----------------------------------------------
⎝⎠
⎛⎞
=
Tdicdrs
1
2
---T
DI_CLK
ceil
×
2
DISP_DOWN_#
×
DI_CLK_PERIOD
--------------------------------------------------
⎝⎠
⎛⎞
=
Tdicurs
1
2
---T
DI_CLK
ceil
×
2DISP_UP_#
×
DI_CLK_PERIOD
----------------------------------------------
⎝⎠
⎛⎞
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com