Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53CEC Datasheet(PDF) 111 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 111 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 107Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 108Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 109Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 110Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 111Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 112Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 113Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 114Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 115Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 204 page
background image
Electrical Characteristics
i.MX53xD Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
111
In the timing equations, some timing parameters are used. These parameters depend on the
implementation of the i.MX53xD PATA interface on silicon, the bus buffer used, the cable delay and
cable skew. Table 71 shows ATA timing parameters.
Table 71. PATA Timing Parameters
Name
Description
Value/
Contributing Factor1
1 Values provided where applicable.
T
Bus clock period (AHB_CLK_ROOT)
Peripheral clock frequency
(7.5 ns for 133 MHz clock)
ti_ds
Set-up time ata_data to ata_iordy edge (UDMA-in only)
UDMA0
UDMA1
UDMA2, UDMA3
UDMA4
UDMA5
15 ns
10 ns
7 ns
5 ns
4 ns
ti_dh
Hold time ata_iordy edge to ata_data (UDMA-in only)
UDMA0, UDMA1, UDMA2, UDMA3, UDMA4
UDMA5
5.0 ns
4.6 ns
tco
Propagation delay bus clock L-to-H to
ata_cs0, ata_cs1, ata_da2, ata_da1, ata_da0, ata_dior, ata_diow, ata_dmack,
ata_data, ata_buffer_en
12.0 ns
tsu
Set-up time ata_data to bus clock L-to-H
8.5 ns
tsui
Set-up time ata_iordy to bus clock H-to-L
8.5 ns
thi
Hold time ata_iordy to bus clock H to L
2.5 ns
tskew1
Max difference in propagation delay bus clock L-to-H to any of following signals
ata_cs0, ata_cs1, ata_da2, ata_da1, ata_da0, ata_dior, ata_diow, ata_dmack,
ata_data (write), ata_buffer_en
7ns
tskew2
Max difference in buffer propagation delay for any of following signals:
ata_cs0, ata_cs1, ata_da2, ata_da1, ata_da0, ata_dior, ata_diow, ata_dmack,
ata_data (write), ata_buffer_en
Transceiver
tskew3
Max difference in buffer propagation delay for any of following signals ata_iordy,
ata_data (read)
Transceiver
tbuf
Max buffer propagation delay
Transceiver
tcable1
Cable propagation delay for ata_data
Cable
tcable2
Cable propagation delay for control signals ata_dior, ata_diow, ata_iordy,
ata_dmack
Cable
tskew4
Max difference in cable propagation delay between ata_iordy and ata_data (read)
Cable
tskew5
Max difference in cable propagation delay between (ata_dior, ata_diow,
ata_dmack) and ata_cs0, ata_cs1, ata_da2, ata_da1, ata_da0, ata_data(write)
Cable
tskew6
Max difference in cable propagation delay without accounting for ground bounce
Cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com