Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53CEC Datasheet(PDF) 121 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 121 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 117Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 118Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 119Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 120Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 121Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 122Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 123Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 124Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 125Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 204 page
background image
Electrical Characteristics
i.MX53xD Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
121
4.7.13.2.2
SATA PHY Receiver Characteristics
Table 79 provides specifications for SATA PHY receiver characteristics.
4.7.13.3
SATA_REXT Reference Resistor Connection
The impedance calibration process requires connection of reference resistor 191 Ω. 1% precision resistor
on SATA_REXT pad to ground.
Resistor calibration consists of learning which state of the internal Resistor Calibration register causes an
internal, digitally trimmed calibration resistor to best match the impedance applied to the SATA_REXT
pin. The calibration register value is then supplied to all Tx and Rx termination resistors.
During the calibration process (for a few tens of microseconds), up to 0.3 mW can be dissipated in the
external SATA_REXT resistor. At other times, no power is dissipated by the SATA_REXT resistor.
4.7.13.4
SATA Connectivity When Not in Use
NOTE
The Temperature Sensor is part of the SATA module. If SATA IP is disabled,
the Temperature Sensor will not work as well. Temperature Sensor
functionality is important in supporting high performance applications
without overheating the device (at high ambient temp).
When both SATA and thermal sensor are not required, connect VP and VPH supplies to ground. The rest
of the ports, both inputs and outputs (SATA_REFCLKM, SATA_REFCLKP, SATA_REXT, SATA_RXM,
SATA_RXP, SATA_TXM) can be left floating. It is not recommended to turn off the VPH while the VP is
active.
When SATA is not in use but thermal sensor is still required, both VP and VPH supplies must be powered
on according to their nominal voltage levels. The reference clock input frequency must fall within the
specified range of 25 MHz to 156.25 MHz. SATA_REXT does not need to be connected, as the
termination impedance is not of consequence.
Table 79. SATA PHY Receiver Characteristics
Parameters
Symbol
Min
Typ
Max
Unit
Minimum Rx eye height (differential peak-to-peak) VMIN_RX_EYE_HEIGHT
—
—
175
mV
Tolerance
PPM
–400
—
400
ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com