Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53CEC Datasheet(PDF) 202 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 202 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 196Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 197Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 198Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 199Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 200Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 201Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 202Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 203Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 204Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 202 / 204 page
background image
i.MX53xD Applications Processors for Consumer Products, Rev. 2
202
Freescale Semiconductor
Revision History
Rev 1
03/2011
• Updated the first sentence of Section 3.1, “Special Signal Considerations.”
• Deleted two tables, “Special Signal Considerations” and “JTAG Controller Interface Summary,” in
Section 3.1, “Special Signal Considerations.”
• Updated Table 7, "i.MX53xD Operating Ranges," on page 20.
•
Changed VDDGP voltages as follows:
—
400 MHz from 1.35 to 1.05 V maximum.
—
800 MHz from 1.0/1.05/1.1 to 1.05/1.1/1.15 V minimum/nominal/maximum.
—
Stop mode from 0.9/0.95/1.1 to 0.8/0.85/1.3 V minimum/nominal/maximum.
•
Added statements to footnotes 5 and 6.
•
Added footnote on voltage ramping.
•In Section 1, “Introduction,” the second bullet point changed from “Smartbooks” to “Smart mobile
devices.”
•In Table 1, "Ordering Information," on page 3, added two new rows for part numbers
PCIMX535DVV1C and MCIMX535DVV1C.
Rev 0
02/2011 Initial release.
Table 121. i.MX53xD Data Sheet Document Revision History (continued)
Rev.
Number
Date
Substantive Change(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com