Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330DLTR Datasheet(PDF) 52 Page - STMicroelectronics

Part # LSM330DLTR
Description  Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DLTR Datasheet(HTML) 52 Page - STMicroelectronics

Back Button LSM330DLTR Datasheet HTML 46Page - STMicroelectronics LSM330DLTR Datasheet HTML 47Page - STMicroelectronics LSM330DLTR Datasheet HTML 48Page - STMicroelectronics LSM330DLTR Datasheet HTML 49Page - STMicroelectronics LSM330DLTR Datasheet HTML 50Page - STMicroelectronics LSM330DLTR Datasheet HTML 51Page - STMicroelectronics LSM330DLTR Datasheet HTML 52Page - STMicroelectronics LSM330DLTR Datasheet HTML 53Page - STMicroelectronics LSM330DLTR Datasheet HTML 54Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
Package information
LSM330DL
52/54
Doc ID 022018 Rev 1
Figure 15.
LLGA 7.5 x 4.4 x 1.1 28L package drawing
Table 108.
LLGA 7.5 x 4.4 x 1.1 28L mechanical data
Dim.
mm
Min.
Typ.
Max.
A1
1.100
A2
0.855
A3
0.200
D1
4.250
4.400
4.550
E1
7.350
7.500
7.650
N1
0.300
L1
5.400
L2
1.800
P2
1.200
T1
0.600
T2
0.400
M
0.100
d
0.3
k
0.050
h
0.100
E1
A1
L1
T2
T1
B
E
D
A
k
k D
k E
K
h C
C
Pin 1 Indicator
TOP VIEW
Seating
Plane
N1
==
A3
A2
k
8190050_B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com