Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330DLTR Datasheet(PDF) 14 Page - STMicroelectronics

Part # LSM330DLTR
Description  Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DLTR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LSM330DLTR Datasheet HTML 10Page - STMicroelectronics LSM330DLTR Datasheet HTML 11Page - STMicroelectronics LSM330DLTR Datasheet HTML 12Page - STMicroelectronics LSM330DLTR Datasheet HTML 13Page - STMicroelectronics LSM330DLTR Datasheet HTML 14Page - STMicroelectronics LSM330DLTR Datasheet HTML 15Page - STMicroelectronics LSM330DLTR Datasheet HTML 16Page - STMicroelectronics LSM330DLTR Datasheet HTML 17Page - STMicroelectronics LSM330DLTR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
Module specifications
LSM330DL
14/54
Doc ID 022018 Rev 1
2.4
Communication interface characteristics
2.4.1
SPI - serial peripheral interface
The values given in the following table are subject to the general operating conditions for
Vdd and TOP.
Figure 3.
SPI slave timing diagram (b)
3.
Data on CS, SPC, SDI and SDO concern the following pins: CS_A/G, SCL_A/G, SDA/SDI_A/G, SDO_A/G
Table 6.
SPI slave timing values
Symbol
Parameter
Value(1)
Unit
Min
Max
tc(SPC)
SPI clock cycle
100
ns
fc(SPC)
SPI clock frequency
10
MHz
tsu(CS)
CS setup time
6
ns
th(CS)
CS hold time
8
tsu(SI)
SDI input setup time
5
th(SI)
SDI input hold time
15
tv(SO)
SDO valid output time
50
th(SO)
SDO output hold time
9
tdis(SO)
SDO output disable time
50
1.
Values are guaranteed at 10 MHz clock frequency for SPI with both 4 and 3 wires, based on characterization results, not
tested in production.
b.
Measurement points are done at 0.2·Vdd_IO and 0.8·Vdd_IO, for both input and output ports.
SPC
CS
SDI
SDO
tsu(CS)
tv(SO)
th(SO)
th(SI)
tsu(SI)
th(CS)
tdis(SO)
tc(SPC)
MSB IN
MSB OUT
LSB OUT
LSB IN
(3)
(3)
(3)
(3)
(3)
(3)
(3)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com