Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330DLTR Datasheet(PDF) 17 Page - STMicroelectronics

Part # LSM330DLTR
Description  Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DLTR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LSM330DLTR Datasheet HTML 13Page - STMicroelectronics LSM330DLTR Datasheet HTML 14Page - STMicroelectronics LSM330DLTR Datasheet HTML 15Page - STMicroelectronics LSM330DLTR Datasheet HTML 16Page - STMicroelectronics LSM330DLTR Datasheet HTML 17Page - STMicroelectronics LSM330DLTR Datasheet HTML 18Page - STMicroelectronics LSM330DLTR Datasheet HTML 19Page - STMicroelectronics LSM330DLTR Datasheet HTML 20Page - STMicroelectronics LSM330DLTR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
LSM330DL
Module specifications
Doc ID 022018 Rev 1
17/54
2.6
Terminology
2.6.1
Sensitivity
Linear acceleration sensitivity can be determined by applying 1
g acceleration to the device.
As the sensor can measure DC accelerations, this can be done easily by pointing the axis of
interest towards the center of the Earth, noting the output value, rotating the sensor by 180
degrees (point to the sky) and then noting the output value again. By doing so, ±1
g
acceleration is applied to the sensor. Subtracting the larger output value from the smaller
one, and dividing the result by 2, leads to the actual sensitivity of the sensor. This value
changes very little over temperature and also very little over time. The sensitivity tolerance
describes the range of sensitivities of a large population of sensors.
Angular rate sensitivity describes the angular rate gain of the sensor and can be determined
by applying a defined angular velocity to it. This value changes very little over temperature
and also very little over time.
2.6.2
Zero level
Linear acceleration zero-
g level offset (TyOff) describes the deviation of an actual output
signal from the ideal output signal if no acceleration is present. A sensor in a steady state on
a horizontal surface will measure 0
g on the X-axis and 0 g on the Y-axis whereas the Z-axis
will measure 1
g. The output is ideally in the middle of the dynamic range of the sensor
(content of OUT registers 00h, data expressed as 2’s complement number). A deviation
from the ideal value in this case is called zero-
g offset. Offset is to some extent a result of
stress to the MEMS sensor and therefore the offset can slightly change after mounting the
sensor onto a printed circuit board or exposing it to extensive mechanical stress. Offset
changes little over temperature, see “Zero-
g level change vs. temperature” (refer toTable 3).
The zero-
g level tolerance (TyOff) describes the standard deviation of the range of zero-g
levels of a population of sensors.
The angular rate zero-rate level describes the actual output value if there is no angular rate
present. Zero-rate level of precise MEMS sensors is, to some extent, a result of stress to the
sensor and therefore the zero-rate level can slightly change after mounting the sensor onto
a printed circuit board or after exposing it to extensive mechanical stress. This value
changes very little over temperature and also very little over time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com