Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330DLTR Datasheet(PDF) 48 Page - STMicroelectronics

Part # LSM330DLTR
Description  Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DLTR Datasheet(HTML) 48 Page - STMicroelectronics

Back Button LSM330DLTR Datasheet HTML 44Page - STMicroelectronics LSM330DLTR Datasheet HTML 45Page - STMicroelectronics LSM330DLTR Datasheet HTML 46Page - STMicroelectronics LSM330DLTR Datasheet HTML 47Page - STMicroelectronics LSM330DLTR Datasheet HTML 48Page - STMicroelectronics LSM330DLTR Datasheet HTML 49Page - STMicroelectronics LSM330DLTR Datasheet HTML 50Page - STMicroelectronics LSM330DLTR Datasheet HTML 51Page - STMicroelectronics LSM330DLTR Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 54 page
background image
Registers description
LSM330DL
48/54
Doc ID 022018 Rev 1
7.41
INT1_THS_YH_G (34h)
7.42
INT1_THS_YL_G (35h)
7.43
INT1_THS_ZH_G (36h)
7.44
INT1_THS_ZL_G (37h)
Table 98.
INT1_THS_YH_G register
--
THSY14
THSY13
THSY12
THSY11
THSY10
THSY9
THSY8
Table 99.
INT1_THS_YH_G description
THSY14 - THSY9
Interrupt threshold. Default value: 0000 0000
Table 100.
INT1_THS_YL_G register
THSR7
THSY6
THSY5
THSY4
THSY3
THSY2
THSY1
THSY0
Table 101.
INT1_THS_YL_G description
THSY7 - THSY0
Interrupt threshold. Default value: 0000 0000
Table 102.
INT1_THS_ZH_G register
--
THSZ14
THSZ13
THSZ12
THSZ11
THSZ10
THSZ9
THSZ8
Table 103.
INT1_THS_ZH_G description
THSZ14 - THSZ9
Interrupt threshold. Default value: 0000 0000
Table 104.
INT1_THS_ZL_G register
THSZ7
THSZ6
THSZ5
THSZ4
THSZ3
THSZ2
THSZ1
THSZ0
Table 105.
INT1_THS_ZL_G description
THSZ7 - THSZ0
Interrupt threshold. Default value: 0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com