Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330DLTR Datasheet(PDF) 11 Page - STMicroelectronics

Part # LSM330DLTR
Description  Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DLTR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LSM330DLTR Datasheet HTML 7Page - STMicroelectronics LSM330DLTR Datasheet HTML 8Page - STMicroelectronics LSM330DLTR Datasheet HTML 9Page - STMicroelectronics LSM330DLTR Datasheet HTML 10Page - STMicroelectronics LSM330DLTR Datasheet HTML 11Page - STMicroelectronics LSM330DLTR Datasheet HTML 12Page - STMicroelectronics LSM330DLTR Datasheet HTML 13Page - STMicroelectronics LSM330DLTR Datasheet HTML 14Page - STMicroelectronics LSM330DLTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
LSM330DL
Block diagram and pin description
Doc ID 022018 Rev 1
11/54
10
CS_G
Gyroscope:
SPI enable
I2C/SPI mode selection (1: SPI idle mode / I2C communication
enabled; 0: SPI communication mode / I2C disabled)
11
Res
Reserved, connect to GND
12
Vdd_IO_G
Gyroscope power supply for I/O pins
13
SCL_G
Gyroscope:
I2C serial clock (SCL)
SPI serial port clock (SPC)
14
Res
Reserved connect to GND
15
Vdd
Power supply
16
Res
Reserved, connect to GND
17
CS_A
Accelerometer:
SPI enable
I2C/SPI mode selection (1: SPI idle mode / I2C communication
enabled; 0: SPI communication mode / I2C disabled)
18
Res
Reserved, connect to GND
19
Res
Reserved, connect to GND
20
Res
Reserved, connect to GND
21
INT1_G
Gyroscope interrupt signal 1
22
Vdd
Power supply
23
Res
Reserved, connect to GND
24
Res
Reserved, connect to GND
25
GND
0 V power supply
26
VCONT
PLL filter connection
27
Res
Reserved, connect to GND
28
Vdd_IO_A
Accelerometer power supply for I/O pins
Table 2.
Pin description (continued)
Pin#
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com