Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330DLTR Datasheet(PDF) 27 Page - STMicroelectronics

Part # LSM330DLTR
Description  Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DLTR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button LSM330DLTR Datasheet HTML 23Page - STMicroelectronics LSM330DLTR Datasheet HTML 24Page - STMicroelectronics LSM330DLTR Datasheet HTML 25Page - STMicroelectronics LSM330DLTR Datasheet HTML 26Page - STMicroelectronics LSM330DLTR Datasheet HTML 27Page - STMicroelectronics LSM330DLTR Datasheet HTML 28Page - STMicroelectronics LSM330DLTR Datasheet HTML 29Page - STMicroelectronics LSM330DLTR Datasheet HTML 30Page - STMicroelectronics LSM330DLTR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
LSM330DL
Register mapping
Doc ID 022018 Rev 1
27/54
6
Register mapping
The table given below provides a listing of the 8-bit registers embedded in the device and
their respective addresses.
Table 18.
Register address map
Name
Slave
address
Type
Register address
Default
Comment
Hex
Binary
Reserved (do not modify)
001100xb
00 - 1F
Reserved
CTRL_REG1_A
001100xb
rw
20
010 0000
00000111
CTRL_REG2_A
001100xb
rw
21
010 0001
00000000
CTRL_REG3_A
001100xb
rw
22
010 0010
00000000
CTRL_REG4_A
001100xb
rw
23
010 0011
00000000
CTRL_REG5_A
001100xb
rw
24
010 0100
00000000
CTRL_REG6_A
001100xb
rw
25
010 0101
00000000
REFERENCE/DATACAPTURE_A 001100xb
rw
26
010 0110
00000000
STATUS_REG_A
001100xb
r
27
010 0111
00000000
OUT_X_L_A
001100xb
r
28
010 1000
output
OUT_X_H_A
001100xb
r
29
010 1001
output
OUT_Y_L_A
001100xb
r
2A
010 1010
output
OUT_Y_H_A
001100xb
r
2B
010 1011
output
OUT_Z_L_A
001100xb
r
2C
010 1100
output
OUT_Z_H_A
001100xb
r
2D
010 1101
output
FIFO_CTRL_REG_A
001100xb
rw
2E
010 1110
00000000
FIFO_SRC_REG_A
001100xb
r
2F
010 1111
INT1_CFG_A
001100xb
rw
30
011 0000
00000000
INT1_SRC_A
001100xb
r
31
011 0001
00000000
INT1_THS_A
001100xb
rw
32
011 0010
00000000
INT1_DURATION_A
001100xb
rw
33
011 0011
00000000
INT2_CFG_A
001100xb
rw
34
011 0100
00000000
INT2_SOURCE_A
001100xb
r
35
011 0101
00000000
INT2_THS_A
001100xb
rw
36
011 0110
00000000
INT2_DURATION_A
001100xb
rw
37
011 0111
00000000
CLICK_CFG_A
001100xb
rw
38
011 1000
00000000
CLICK_SRC_A
001100xb
rw
39
011 1001
00000000
CLICK_THS_A
001100xb
rw
3A
011 1010
00000000
TIME_LIMIT_A
001100xb
rw
3B
011 1011
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com