Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330DLTR Datasheet(PDF) 35 Page - STMicroelectronics

Part # LSM330DLTR
Description  Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DLTR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LSM330DLTR Datasheet HTML 31Page - STMicroelectronics LSM330DLTR Datasheet HTML 32Page - STMicroelectronics LSM330DLTR Datasheet HTML 33Page - STMicroelectronics LSM330DLTR Datasheet HTML 34Page - STMicroelectronics LSM330DLTR Datasheet HTML 35Page - STMicroelectronics LSM330DLTR Datasheet HTML 36Page - STMicroelectronics LSM330DLTR Datasheet HTML 37Page - STMicroelectronics LSM330DLTR Datasheet HTML 38Page - STMicroelectronics LSM330DLTR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
LSM330DL
Registers description
Doc ID 022018 Rev 1
35/54
The contents of the INT1_CFG_REG_A register are loaded at boot.
A write operation at this address is possible only after system boot.
The difference between AOI-6D = ‘01’ and AOI-6D = ‘11’ is defined as follows:
AOI-6D = ‘01’ is movement recognition. An interrupt is generated when the orientation
moves from an unknown zone to a known zone. The interrupt signal stays for a duration
determined by ODR.
AOI-6D = ‘11’ is direction recognition. An interrupt is generated when the orientation is
inside a known zone. The interrupt signal stays until orientation is inside the zone.
7.15
INT1_SRC_A (31h)
XHIE/
XUPE
Enable interrupt generation on X high event or on direction recognition. Default value: 0
(0: disable interrupt request; 1: enable interrupt request.)
XLIE/XDO
WNE
Enable interrupt generation on X low event or on direction recognition. Default value: 0
(0: disable interrupt request; 1: enable interrupt request.)
Table 44.
Interrupt mode
AOI
6D
Interrupt mode
0
0
OR combination of interrupt events
0
1
6-direction movement recognition
1
0
AND combination of interrupt events
11
6-direction position recognition
Table 43.
INT1_CFG_REG_A description (continued)
Table 45.
INT1_SRC_A register
0(1)
1.
This bit has to be set to ‘0’ for correct operation.
IA
ZH
ZL
YH
YL
XH
XL
Table 46.
INT1_SRC_A description
IA
Interrupt active. Default value: 0
(0: no interrupt has been generated; 1: one or more interrupts have been generated)
ZH
Z high. Default value: 0
(0: no interrupt, 1: Z high event has occurred)
ZL
Z low. Default value: 0
(0: no interrupt; 1: Z low event has occurred)
YH
Y high. Default value: 0
(0: no interrupt, 1: Y high event has occurred)
YL
Y low. Default value: 0
(0: no interrupt, 1: Y low event has occurred)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com