Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330DLTR Datasheet(PDF) 15 Page - STMicroelectronics

Part # LSM330DLTR
Description  Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DLTR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LSM330DLTR Datasheet HTML 11Page - STMicroelectronics LSM330DLTR Datasheet HTML 12Page - STMicroelectronics LSM330DLTR Datasheet HTML 13Page - STMicroelectronics LSM330DLTR Datasheet HTML 14Page - STMicroelectronics LSM330DLTR Datasheet HTML 15Page - STMicroelectronics LSM330DLTR Datasheet HTML 16Page - STMicroelectronics LSM330DLTR Datasheet HTML 17Page - STMicroelectronics LSM330DLTR Datasheet HTML 18Page - STMicroelectronics LSM330DLTR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
LSM330DL
Module specifications
Doc ID 022018 Rev 1
15/54
2.4.2
I2C - inter-IC control interface
The values given in the following table are subject to the general operating conditions for
Vdd and TOP.
Figure 4.
I2C slave timing diagram (3)
1.
Data based on standard I2C protocol requirement, not tested in production.
2
Cb = total capacitance of one bus line, in pF
3.
Measurement points are done at 0.2·Vdd_IO and 0.8·Vdd_IO, for both ports.
Table 7.
I2C slave timing values
Symbol
Parameter(1)
I2C standard mode
I2C fast mode (1)
Unit
Min
Max
Min
Max
f(SCL)
SCL clock frequency
0
100
0
400
kHz
tw(SCLL)
SCL clock low time
4.7
1.3
µs
tw(SCLH)
SCL clock high time
4.0
0.6
tsu(SDA)
SDA setup time
250
100
ns
th(SDA)
SDA data hold time
0.01
3.45
0
0.9
µs
tr(SDA) tr(SCL) SDA and SCL rise time
1000
20 + 0.1Cb
(2)
300
ns
tf(SDA) tf(SCL) SDA and SCL fall time
300
20 + 0.1Cb
(2)
300
th(ST)
START condition hold time
4
0.6
µs
tsu(SR)
Repeated START condition setup time
4.7
0.6
tsu(SP)
STOP condition setup time
4
0.6
tw(SP:SR)
Bus free time between STOP and
START condition
4.7
1.3
1.
SCL (SCL_A/G pin), SDA (SDA_A/G pin)
SDA
SCL
tf(SDA)
tsu(SP)
tw(SCLL)
tsu(SDA)
tr(SDA)
tsu(SR)
th(ST)
tw(SCLH)
th(SDA)
tr(SCL)
tf(SCL)
tw(SP:SR)
START
REPEATED
START
STOP
START
AM09238V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com