Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330DLTR Datasheet(PDF) 34 Page - STMicroelectronics

Part # LSM330DLTR
Description  Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DLTR Datasheet(HTML) 34 Page - STMicroelectronics

Back Button LSM330DLTR Datasheet HTML 30Page - STMicroelectronics LSM330DLTR Datasheet HTML 31Page - STMicroelectronics LSM330DLTR Datasheet HTML 32Page - STMicroelectronics LSM330DLTR Datasheet HTML 33Page - STMicroelectronics LSM330DLTR Datasheet HTML 34Page - STMicroelectronics LSM330DLTR Datasheet HTML 35Page - STMicroelectronics LSM330DLTR Datasheet HTML 36Page - STMicroelectronics LSM330DLTR Datasheet HTML 37Page - STMicroelectronics LSM330DLTR Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
Registers description
LSM330DL
34/54
Doc ID 022018 Rev 1
7.13
FIFO_SRC_REG_A (2Fh)
7.14
INT1_CFG_A (30h)
Table 39.
FIFO_CTRL_REG_A register description
FM1-FM0
FIFO mode selection. Default value: 00 (see
Table 40: FIFO mode configuration)
TR
Trigger selection. Default value: 0
0: Trigger event linked to trigger signal on INT1_A
1: Trigger event linked to trigger signal on INT2_A
FTH4:0
Default value: 0
Table 40.
FIFO mode configuration
FM1
FM0
FIFO mode
0
0
Bypass mode
0
1
FIFO mode
1
0
Stream mode
1
1
Trigger mode
Table 41.
FIFO_SRC_REG_A register
WTM
OVRN_FIFO
EMPTY
FSS4
FSS3
FSS2
FSS1
FSS0
Table 42.
INT1_CFG_REG_A register
AOI
6D
ZHIE/
ZUPE
ZLIE/
ZDOWNE
YHIE/
YUPE
YLIE/
YDOWNE
XHIE/
XUPE
XLIE/
XDOWNE
Table 43.
INT1_CFG_REG_A description
AOI
And/Or combination of Interrupt events. Default value: 0. Refer to
Table 44: Interrupt
mode
6D
6-direction detection function enabled. Default value: 0. Refer to
Table 44: Interrupt
mode
ZHIE/
ZUPE
Enable interrupt generation on Z high event or on direction recognition. Default value: 0
(0: disable interrupt request; 1: enable interrupt request)
ZLIE/
ZDOWNE
Enable interrupt generation on Z low event or on direction recognition. Default value: 0
(0: disable interrupt request; 1: enable interrupt request)
YHIE/
YUPE
Enable interrupt generation on Y high event or on direction recognition. Default value: 0
(0: disable interrupt request; 1: enable interrupt request.)
YLIE/
YDOWNE
Enable interrupt generation on Y low event or on direction recognition. Default value: 0
(0: disable interrupt request; 1: enable interrupt request.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com