Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330DLTR Datasheet(PDF) 47 Page - STMicroelectronics

Part # LSM330DLTR
Description  Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DLTR Datasheet(HTML) 47 Page - STMicroelectronics

Back Button LSM330DLTR Datasheet HTML 43Page - STMicroelectronics LSM330DLTR Datasheet HTML 44Page - STMicroelectronics LSM330DLTR Datasheet HTML 45Page - STMicroelectronics LSM330DLTR Datasheet HTML 46Page - STMicroelectronics LSM330DLTR Datasheet HTML 47Page - STMicroelectronics LSM330DLTR Datasheet HTML 48Page - STMicroelectronics LSM330DLTR Datasheet HTML 49Page - STMicroelectronics LSM330DLTR Datasheet HTML 50Page - STMicroelectronics LSM330DLTR Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 54 page
background image
LSM330DL
Registers description
Doc ID 022018 Rev 1
47/54
7.38
INT1_SRC_G (31h)
The interrupt source register is a read-only register.
Reading at this address clears the INT1_SRC_G IA bit (and eventually the interrupt signal
on the INT1_G pin) and allows the refreshment of data in the INT1_SRC_G register if the
latched option was chosen.
7.39
INT1_THS_XH_G (32h)
7.40
INT1_THS_XL_G (33h)
Table 92.
INT1_SRC_G register
0(1)
1.
This bit has to be set to ‘0’ for correct operation.
IA
ZH
ZL
YH
YL
XH
XL
Table 93.
INT1_SRC_G description
IA
Interrupt active. Default value: 0
(0: no interrupt has been generated; 1: one or more interrupts have been generated)
ZH
Z high. Default value: 0 (0: no interrupt, 1: Z high event has occurred)
ZL
Z low. Default value: 0 (0: no interrupt; 1: Z low event has occurred)
YH
Y high. Default value: 0 (0: no interrupt, 1: Y high event has occurred)
YL
Y low. Default value: 0 (0: no interrupt, 1: Y low event has occurred)
XH
X high. Default value: 0 (0: no interrupt, 1: X high event has occurred)
XL
X low. Default value: 0 (0: no interrupt, 1: X low event has occurred)
Table 94.
INT1_THS_XH_G register
--
THSX14
THSX13
THSX12
THSX11
THSX10
THSX9
THSX8
Table 95.
INT1_THS_XH_G description
THSX14 - THSX9
Interrupt threshold. Default value: 0000 0000
Table 96.
INT1_THS_XL_G register
THSX7
THSX6
THSX5
THSX4
THSX3
THSX2
THSX1
THSX0
Table 97.
INT1_THS_XL_G description
THSX7 - THSX0
Interrupt threshold. Default value: 0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com