Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330DLTR Datasheet(PDF) 44 Page - STMicroelectronics

Part # LSM330DLTR
Description  Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DLTR Datasheet(HTML) 44 Page - STMicroelectronics

Back Button LSM330DLTR Datasheet HTML 40Page - STMicroelectronics LSM330DLTR Datasheet HTML 41Page - STMicroelectronics LSM330DLTR Datasheet HTML 42Page - STMicroelectronics LSM330DLTR Datasheet HTML 43Page - STMicroelectronics LSM330DLTR Datasheet HTML 44Page - STMicroelectronics LSM330DLTR Datasheet HTML 45Page - STMicroelectronics LSM330DLTR Datasheet HTML 46Page - STMicroelectronics LSM330DLTR Datasheet HTML 47Page - STMicroelectronics LSM330DLTR Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 54 page
background image
Registers description
LSM330DL
44/54
Doc ID 022018 Rev 1
7.31
STATUS_REG_G (27h)
7.32
OUT_X_L_G (28h), OUT_X_H_G (29h)
This register contains X-axis angular rate data. Values are expressed as two’s complement.
7.33
OUT_Y_L_G (2Ah), OUT_Y_H_G (2Bh)
This register contains Y-axis angular rate data. Values are expressed as two’s complement.
7.34
OUT_Z_L_G (2Ch), OUT_Z_H_G (2Dh)
This register contains Z-axis angular rate data. Values are expressed as two’s complement.
Table 82.
OUT_TEMP_G register description
Temp7-Temp0
Temperature data (1LSB/deg - 8-bit resolution). The value is expressed as
two’s complement.
Table 83.
STATUS_REG_G register
ZYXOR
ZOR
YOR
XOR
ZYXDA
ZDA
YDA
XDA
Table 84.
STATUS_REG_G description
ZYXOR
X-, Y-, Z-axis data overwrite. Default value: 0
(0: no overwrite has occurred; 1: new data has overwritten the previous data before it was
read)
ZOR
Z-axis data overwrite. Default value: 0
(0: no overwrite has occurred; 1: new data for the Z-axis has overwritten the previous data)
YOR
Y-axis data overwrite. Default value: 0
(0: no overwrite has occurred; 1: new data for the Y-axis has overwritten the previous data)
XOR
X-axis data overwrite. Default value: 0
(0: no overwrite has occurred; 1: new data for the X-axis has overwritten the previous data)
ZYXDA
X-, Y-, Z-axis new data available. Default value: 0
(0: a new set of data is not yet available; 1: a new set of data is available)
ZDA
Z-axis new data available. Default value: 0
(0: new data for the Z-axis is not yet available; 1: new data for the Z-axis is available)
YDA
Y-axis new data available. Default value: 0
(0: new data for the Y-axis is not yet available; 1: new data for the Y-axis is available)
XDA
X-axis new data available. Default value: 0
(0: new data for the X-axis is not yet available; 1: new data for the X-axis is available)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com