Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330DLTR Datasheet(PDF) 43 Page - STMicroelectronics

Part # LSM330DLTR
Description  Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DLTR Datasheet(HTML) 43 Page - STMicroelectronics

Back Button LSM330DLTR Datasheet HTML 39Page - STMicroelectronics LSM330DLTR Datasheet HTML 40Page - STMicroelectronics LSM330DLTR Datasheet HTML 41Page - STMicroelectronics LSM330DLTR Datasheet HTML 42Page - STMicroelectronics LSM330DLTR Datasheet HTML 43Page - STMicroelectronics LSM330DLTR Datasheet HTML 44Page - STMicroelectronics LSM330DLTR Datasheet HTML 45Page - STMicroelectronics LSM330DLTR Datasheet HTML 46Page - STMicroelectronics LSM330DLTR Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
LSM330DL
Registers description
Doc ID 022018 Rev 1
43/54
7.29
REFERENCE/DATACAPTURE_G (25h)
7.30
OUT_TEMP_G (26h)
Table 77.
Out_Sel configuration setting
Hpen
OUT_SEL1
OUT_SEL0
Description
x0
0
Data in DataReg and FIFO are non-high-
pass-filtered
x0
1
Data in DataReg and FIFO are high-pass-
filtered
01
x
Data in DataReg and FIFO are low-pass-
filtered by LPF2
11
x
Data in DataReg and FIFO are high-pass and
low-pass-filtered by LPF2
Table 78.
INT_SEL configuration setting
Hpen
INT_SEL1
INT_SEL2
Description
x0
0
Non-high-pass-filtered data are used for
interrupt generation
x0
1
High-pass-filtered data are used for interrupt
generation
01
x
Low-pass-filtered data are used for interrupt
generation
11
x
High-pass and low-pass-filtered data are
used for interrupt generation
Table 79.
REFERENCE/DATACAPTURE_G register
Ref7
Ref6
Ref5
Ref4
Ref3
Ref2
Ref1
Ref0
Table 80.
REFERENCE/DATACAPTURE_G register description
Ref 7-Ref0
Reference value for interrupt generation. Default value: 0
Table 81.
OUT_TEMP_G register
Temp7
Temp6
Temp5
Temp4
Temp3
Temp2
Temp1
Temp0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com