Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330DLTR Datasheet(PDF) 28 Page - STMicroelectronics

Part # LSM330DLTR
Description  Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DLTR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button LSM330DLTR Datasheet HTML 24Page - STMicroelectronics LSM330DLTR Datasheet HTML 25Page - STMicroelectronics LSM330DLTR Datasheet HTML 26Page - STMicroelectronics LSM330DLTR Datasheet HTML 27Page - STMicroelectronics LSM330DLTR Datasheet HTML 28Page - STMicroelectronics LSM330DLTR Datasheet HTML 29Page - STMicroelectronics LSM330DLTR Datasheet HTML 30Page - STMicroelectronics LSM330DLTR Datasheet HTML 31Page - STMicroelectronics LSM330DLTR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
Register mapping
LSM330DL
28/54
Doc ID 022018 Rev 1
Registers marked as
Reserved must not be changed. Writing to those registers may cause
permanent damage to the device.
The content of the registers that are loaded at boot should not be changed. They contain the
factory-calibrated values. Their content is automatically restored when the device is
powered up.
TIME_LATENCY_A
001100xb
rw
3C
011 1100
00000000
TIME_WINDOW_A
001100xb
rw
3D
011 1101
00000000
Reserved (do not modify)
001100xb
3E-3F
Reserved
Reserved
110100xb
-
00-1E
-
-
Reserved
CTRL_REG1_G
110100xb
rw
20
010 0000
00000111
CTRL_REG2_G
110100xb
rw
21
010 0001
00000000
CTRL_REG3_G
110100xb
rw
22
010 0010
00000000
CTRL_REG4_G
110100xb
rw
23
010 0011
00000000
CTRL_REG5_G
110100xb
rw
24
010 0100
00000000
REFERENCE/DATACAPTURE_G 110100xb
rw
25
010 0101
00000000
OUT_TEMP_G
110100xb
r
26
010 0110
output
STATUS_REG_G
110100xb
r
27
010 0111
output
OUT_X_L_G
110100xb
r
28
010 1000
output
OUT_X_H_G
110100xb
r
29
010 1001
output
OUT_Y_L_G
110100xb
r
2A
010 1010
output
OUT_Y_H_G
110100xb
r
2B
010 1011
output
OUT_Z_L_G
110100xb
r
2C
010 1100
output
OUT_Z_H_G
110100xb
r
2D
010 1101
output
FIFO_CTRL_REG_G
110100xb
rw
2E
010 1110
00000000
FIFO_SRC_REG_G
110100xb
r
2F
010 1111
output
INT1_CFG_G
110100xb
rw
30
011 0000
00000000
INT1_SRC_G
110100xb
r
31
011 0001
output
INT1_THS_XH_G
110100xb
rw
32
011 0010
00000000
INT1_THS_XL_G
110100xb
rw
33
011 0011
00000000
INT1_THS_YH_G
110100xb
rw
34
011 0100
00000000
INT1_THS_YL_G
110100xb
rw
35
011 0101
00000000
INT1_THS_ZH_G
110100xb
rw
36
011 0110
00000000
INT1_THS_ZL_G
110100xb
rw
37
011 0111
00000000
INT1_DURATION_G
110100xb
rw
38
011 1000
00000000
Table 18.
Register address map (continued)
Name
Slave
address
Type
Register address
Default
Comment
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com