Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330DLTR Datasheet(PDF) 32 Page - STMicroelectronics

Part # LSM330DLTR
Description  Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DLTR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button LSM330DLTR Datasheet HTML 28Page - STMicroelectronics LSM330DLTR Datasheet HTML 29Page - STMicroelectronics LSM330DLTR Datasheet HTML 30Page - STMicroelectronics LSM330DLTR Datasheet HTML 31Page - STMicroelectronics LSM330DLTR Datasheet HTML 32Page - STMicroelectronics LSM330DLTR Datasheet HTML 33Page - STMicroelectronics LSM330DLTR Datasheet HTML 34Page - STMicroelectronics LSM330DLTR Datasheet HTML 35Page - STMicroelectronics LSM330DLTR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
Registers description
LSM330DL
32/54
Doc ID 022018 Rev 1
7.5
CTRL_REG5_A (24h)
7.6
CTRL_REG6_A (25h)
7.7
REFERENCE/DATACAPTURE_A (26h)
Table 30.
CTRL_REG5_A register
BOOT
FIFO_EN
--
--
LIR_INT1
D4D_INT1
0(1)
1.
This bit has to be set ‘0’ for correct operation.
0(1)
Table 31.
CTRL_REG5_A description
BOOT
Reboot memory content. Default value: 0
(0: normal mode; 1: reboot memory content)
FIFO_EN
FIFO enable. Default value: 0
(0: FIFO disable; 1: FIFO enable)
LIR_INT1
Latch interrupt request on INT1_SRC_A register, with INT1_SRC_A register
cleared by reading INT1_SRC_A itself. Default value: 0.
(0: interrupt request not latched; 1: interrupt request latched)
D4D_INT1
4D enable: 4D detection is enabled on INT1_A when 6D bit on INT1_CFG_A
is set to 1.
Table 32.
CTRL_REG6_A register
I2_CLICKen
I2_INT1
0(1)
1.
This bit has to be set to ‘0’ for correct operation.
BOOT_I2
0(1)
--
H_LACTIVE
--
Table 33.
CTRL_REG6 description
I2_CLICKen
Click interrupt on INT2_A. Default value 0.
I2_INT1
Interrupt 1 function enabled on INT2_A. Default 0.
BOOT_I2
Boot on INT2_A.
H_LACTIVE
0: interrupt active high; 1: interrupt active low.
Table 34.
REFERENCE/DATACAPTURE_A register
Ref7
Ref6
Ref5
Ref4
Ref3
Ref2
Ref1
Ref0
Table 35.
REFERENCE/DATACAPTURE_A register description
Ref 7-Ref0
Reference value for interrupt generation. Default value: 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com