Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45FM2C Datasheet(PDF) 64 Page - Holtek Semiconductor Inc

Part # HT45FM2C
Description  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C Datasheet(HTML) 64 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 60Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 61Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 62Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 63Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 64Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 65Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 66Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 67Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 68Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 171 page
background image
Rev. 1.10
64
�a� �0� �01�
Rev. 1.10
65
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
Compact TM Operation
Atitscoreisa10-bitor16-bitcount-upcounterwhichisdrivenbyauserselectableinternalor
externalclocksource.Therearealsotwointernalcomparatorswiththenames,ComparatorAand
ComparatorP.ThesecomparatorswillcomparethevalueinthecounterwithCCRPandCCRA
registers.TheCCRPisthreebitswidewhosevalueiscomparedwiththehighestthreebitsoreight
bitsinthecounterwhiletheCCRAisthetenbitsorsixteenbitsandthereforecompareswithall
counterbits.
Theonlywayofchangingthevalueofthe10-bitor16-bitcounterusingtheapplicationprogram,
istoclearthecounterbychangingtheTnONbitfromlowtohigh.Thecounterwillalsobecleared
automaticallybyacounteroverfloworacomparematchwithoneofitsassociatedcomparators.
Whentheseconditionsoccur,aTMinterruptsignalwillalsousuallybegenerated.TheCompact
TypeTMcanoperateinanumberofdifferentoperationalmodes,canbedrivenbydifferentclock
sourcesincludinganinputpinandcanalsocontrolanoutputpin.Alloperatingsetupconditionsare
selectedusingrelevantinternalregisters.
Compact Type TM Register Description
OveralloperationoftheCompactTMiscontrolledusingsixregisters.Areadonlyregisterpair
existstostoretheinternalcounter10-bitor16-bitvalue,whilearead/writeregisterpairexiststo
storetheinternal10-bitor16-bitCCRAvalue.Theremainingtworegistersarecontrolregisters
whichsetupthedifferentoperatingandcontrolmodesaswellasthethreeoreightCCRPbits.
Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
T�nC0
TnPAU
TnCK�
TnCK1
TnCK0
TnON
TnRP�
TnRP1
TnRP0
T�nC1
Tn�1
Tn�0
TnIO1
TnIO0
TnOC
TnPOL
TnDPX
TnCCLR
T�nDL
D7
D6
D5
D4
D�
D�
D1
D0
T�nDH
—
—
—
—
—
—
D9
D8
T�nAL
D7
D6
D5
D4
D�
D�
D1
D0
T�nAH
—
—
—
—
—
—
D9
D8
10-bit Compact TM Register List(n=0, 1, 2, 3)
Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
T�5C0
T5PAU
T5CK�
T5CK1
T5CK0
T5ON
T5RP�
T5RP1
T5RP0
T�5C1
T5�1
T5�0
T5IO1
T5IO0
T5OC
T5POL
T5DPX
T5CCLR
T�5DL
D7
D6
D5
D4
D�
D�
D1
D0
T�5DH
D15
D14
D1�
D1�
D11
D10
D9
D8
T�5AL
D7
D6
D5
D4
D�
D�
D1
D0
T�5AH
D15
D14
D1�
D1�
D11
D10
D9
D8
T�5RP
D7
D6
D5
D4
D�
D�
D1
D0
16-bit Compact TM Register List
TMnDL Register(n=0, 1, 2, 3) — 10-bit CTM
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D5
D4
D�
D�
D1
D0
R/W
R
R
R
R
R
R
R
R
POR
0
0
0
0
0
0
0
0
Bit 7~0
TMnDL:
TMnCounterLowByteRegisterbit7~bit0
TMn10-bitCounterbit7~bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com