Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45FM2C Datasheet(PDF) 88 Page - Holtek Semiconductor Inc

Part # HT45FM2C
Description  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C Datasheet(HTML) 88 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 84Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 85Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 86Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 87Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 88Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 89Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 90Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 91Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 92Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 171 page
background image
Rev. 1.10
88
�a� �0� �01�
Rev. 1.10
89
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
A/D Converter Control Registers – ADCR0, ADCR1, ANCSR0, ANCSR1, ADDL
TocontrolthefunctionandoperationoftheA/Dconverter,fourcontrolregistersknownasADCR0,
ADCR1,ANCSR0andANCSR1areprovided.These8-bitregistersdefinefunctionssuchasthe
selectionofwhichanalogchannelisconnectedtotheinternalA/Dconverter,thedigitiseddata
format,theA/DclocksourceaswellascontrollingthestartfunctionandmonitoringtheA/D
converterendofconversionstatus.TheACS3~ACS0bitsintheADCR0registerdefinetheADC
inputchannelnumber.Asthedevicecontainsonlyoneactualanalogtodigitalconverterhardware
circuit,eachoftheindividual9analoginputsmustberoutedtotheconverter.Itisthefunctionof
theACS3~ACS0bitstodeterminewhichanalogchannelinputpinsorIspinisactuallyconnectedto
theinternalA/Dconverter.
TheANCSR0andANCSR1controlregisterscontainthePCR8~PCR0bitswhichdeterminewhich
pinsonPortAorPB3isusedasanaloginputsfortheA/Dconverterinputandwhichpinsarenot
tobeusedastheA/Dconverterinput.SettingthecorrespondingbithighwillselecttheA/Dinput
function,clearingthebittozerowillselecteithertheI/Oorotherpin-sharedfunction.Whenthe
pinisselectedtobeanA/Dinput,itsoriginalfunctionwhetheritisanI/Oorotherpin-shared
functionwillberemoved.Inaddition,anyinternalpull-highresistorsconnectedtothesepinswillbe
automaticallyremovedifthepinisselectedtobeanA/Dinput.
TheADDLregisterexiststostoretheADCdelaystarttime.
ADCR0 Register
Bit
7
6
5
4
3
2
1
0
Name
ADSTR
EOCB
ADOFF
—
ACS�
ACS�
ACS1
ACS0
R/W
R/W
R
R/W
—
R/W
R/W
R/W
R/W
POR
0
1
1
—
0
0
0
0
Bit 7
ADSTR:
StarttheA/Dconversion
0→1→0:Start
0→1:ResettheA/DconverterandsetEOCBto“1”
ThisbitisusedtoinitiateanA/Dconversionprocess.Thebitisnormallylowbutifset
highandthenclearedlowagain,theA/Dconverterwillinitiateaconversionprocess.
WhenthebitissethightheA/Dconverterwillbereset.
Bit 6
EOCB:
EndofA/Dconversionflag
0:A/Dconversionended
1:A/Dconversioninprogress
ThisreadonlyflagisusedtoindicatewhenanA/Dconversionprocesshascompleted.
Whentheconversionprocessisrunning,thebitwillbehigh.
Bit 5
ADOFF
:ADCmodulepoweron/offcontrolbit
0:ADCmodulepoweron
1:ADCmodulepoweroff
ThisbitcontrolsthepowertotheA/Dinternalfunction.Thisbitshouldbecleared
tozerotoenabletheA/Dconverter.IfthebitissethighthentheA/Dconverterwill
beswitchedoffreducingthedevicepowerconsumption.AstheA/Dconverterwill
consumealimitedamountofpower,evenwhennotexecutingaconversion,thismay
beanimportantconsiderationinpowersensitivebatterypoweredapplications.
Note:1.itisrecommendedtosetADOFF=1beforeenteringIDLE/SLEEPModefor
savingpower.
2.ADOFF=1willpowerdowntheADCmodule.
Bit4
Unimplemented,readas"0"
Bit 3~0
ACS3
~ ACS0:SelectA/Dchannel
0000:AN0
0001:AN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com