Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45FM2C Datasheet(PDF) 75 Page - Holtek Semiconductor Inc

Part # HT45FM2C
Description  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C Datasheet(HTML) 75 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 71Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 72Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 73Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 74Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 75Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 76Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 77Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 78Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 79Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 171 page
background image
Rev. 1.10
74
�a� �0� �01�
Rev. 1.10
75
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
16-bit CTM, PWM Mode, Edge-aligned Mode, TnDPX=0
CCRP
1~255
0
Period
CCRP
�56
655�6
Dut�
CCRA
If fSYS=16MHz,TMclocksourceisfSYS/4,CCRP=2andCCRA=128,
The CTM PWM output frequency=(fSYS/4)/(2×256)=fSYS/2048=7.8125 kHz, duty=128/
(2×256)=25%.
IftheDutyvaluedefinedbytheCCRAregisterisequaltoorgreaterthanthePeriodvalue,thenthe
PWMoutputdutyis100%.
16-bit CTM, PWM Mode, Edge-aligned Mode, TnDPX=1
CCRP
1~255
0
Period
CCRA
Dut�
CCRP
�56
655�6
ThePWMoutputperiodisdeterminedbytheCCRAregistervaluetogetherwiththeTMclock
whilethePWMdutycycleisdefinedbythe(CCRP×256)exceptwhentheCCRPvalueisequalto0.
Counter Value
CCRP
CCRA
TnON
TnPAU
TnPOL
CCRP Int.
Flag TnPF
CCRA Int.
Flag TnAF
T� O/P Pin
(TnOC=1)
Time
Counter cleared
b� CCRP
Pause
Resume
Counter Stop if
TnON bit low
Counter Reset when
TnON returns high
TnDPX = 0; Tn� [1:0] = 10
PW� Dut� C�cle
set b� CCRA
PW� resumes
operation
Output controlled b�
other pin-shared function
Output Inverts
when TnPOL = 1
PW� Period
set b� CCRP
T� O/P Pin
(TnOC=0)
PWM Mode – TnDPX=0
Note:1.HereTnDPX=0–CounterclearedbyCCRP
2.AcounterclearsetsthePWMPeriod
3.TheinternalPWMfunctioncontinuesevenwhenTnIO[1:0]=00or01
4.TheTnCCLRbithasnoinfluenceonPWMoperation
5.n=0,1,2,3,5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com