Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45FM2C Datasheet(PDF) 74 Page - Holtek Semiconductor Inc

Part # HT45FM2C
Description  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C Datasheet(HTML) 74 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 70Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 71Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 72Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 73Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 74Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 75Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 76Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 77Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 78Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 171 page
background image
Rev. 1.10
74
�a� �0� �01�
Rev. 1.10
75
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
Timer/Counter Mode
Toselectthismode,bitsTnM1andTnM0intheTMnC1registershouldbesetto11respectively.
TheTimer/CounterModeoperatesinanidenticalwaytotheCompareMatchOutputMode
generatingthesameinterruptflags.TheexceptionisthatintheTimer/CounterModetheTMoutput
pinisnotused.ThereforetheabovedescriptionandTimingDiagramsfortheCompareMatch
OutputModecanbeusedtounderstanditsfunction.AstheTMoutputpinisnotusedinthismode,
thepincanbeusedasanormalI/Opinorotherpin-sharedfunction.
PWM Output Mode
Toselectthismode,bitsTnM1andTnM0intheTMnC1registershouldbesetto10respectively.
ThePWMfunctionwithintheTMisusefulforapplicationswhichrequirefunctionssuchasmotor
control,heatingcontrol,illuminationcontroletc.Byprovidingasignaloffixedfrequencybut
ofvaryingdutycycleontheTMoutputpin,asquarewaveACwaveformcanbegeneratedwith
varyingequivalentDCRMSvalues.
AsboththeperiodanddutycycleofthePWMwaveformcanbecontrolled,thechoiceofgenerated
waveformisextremelyflexible.InthePWMmode,theTnCCLRbithasnoeffectonthePWM
operation.BothoftheCCRAandCCRPregistersareusedtogeneratethePWMwaveform,one
registerisusedtocleartheinternalcounterandthuscontrolthePWMwaveformfrequency,while
theotheroneisusedtocontrolthedutycycle.Whichregisterisusedtocontroleitherfrequency
ordutycycleisdeterminedusingtheTnDPXbitintheTMnC1register.ThePWMwaveform
frequencyanddutycyclecanthereforebecontrolledbythevaluesintheCCRAandCCRPregisters.
Aninterruptflag,oneforeachoftheCCRAandCCRP,willbegeneratedwhenacomparematch
occursfromeitherComparatorAorComparatorP.TheTnOCbitintheTMnC1registerisusedto
selecttherequiredpolarityofthePWMwaveformwhilethetwoTnIO1andTnIO0bitsareusedto
enablethePWMoutputortoforcetheTMoutputpintoafixedhighorlowlevel.TheTnPOLbitis
usedtoreversethepolarityofthePWMoutputwaveform.
10-bit CTM, PWM Mode, Edge-aligned Mode, TnDPX=0
CCRP
001b
010b
011b
100b
101b
110b
111b
000b
Period
1�8
�56
�84
51�
640
768
896
10�4
Dut�
CCRA
If fSYS=16MHz,TMclocksourceisfSYS/4,CCRP=100bandCCRA=128,
TheCTMPWMoutputfrequency=(fSYS/4)/512=fSYS/2048=7.8125kHz,duty=128/512=25%.
IftheDutyvaluedefinedbytheCCRAregisterisequaltoorgreaterthanthePeriodvalue,thenthe
PWMoutputdutyis100%.
10-bit CTM, PWM Mode, Edge-aligned Mode, TnDPX=1
CCRP
001b
010b
011b
100b
101b
110b
111b
000b
Period
CCRA
Dut�
1�8
�56
�84
51�
640
768
896
10�4
ThePWMoutputperiodisdeterminedbytheCCRAregistervaluetogetherwiththeTMclock
whilethePWMdutycycleisdefinedbytheCCRPregistervalue.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com