Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45FM2C Datasheet(PDF) 86 Page - Holtek Semiconductor Inc

Part # HT45FM2C
Description  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C Datasheet(HTML) 86 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 82Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 83Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 84Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 85Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 86Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 87Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 88Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 89Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 90Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 171 page
background image
Rev. 1.10
86
�a� �0� �01�
Rev. 1.10
87
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
Analog to Digital Converter
Theneedtointerfacetorealworldanalogsignalsisacommonrequirementformanyelectronic
systems.However,toproperlyprocessthesesignalsbyamicrocontroller,theymustfirstbe
convertedintodigitalsignalsbyA/Dconverters.ByintegratingtheA/Dconversionelectronic
circuitryintothemicrocontroller,theneedforexternalcomponentsisreducedsignificantlywiththe
correspondingfollow-onbenefitsoflowercostsandreducedcomponentspacerequirements.This
devicealsoincludessomespecialA/Dfeaturesforspecificuseinmotorcontrolapplications.
A/D Overview
Thisdevicecontainsa9-channelanalogtodigitalconverter,8-channelcanbedirectlyinterfaceto
externalanalogsignals,suchasthatfromsensorsorothercontrolsignalsandconvertthesesignals
directlyintoeithera10-bitdigitalvalue.Anadditionalchannelisconnectedtotheexternalcurrent
senseinputpin,Is,viaaninternaloperationalamplifierforsignalamplification,beforebeing
transferredtotheA/Dconverterinput.Asetofwhatareknownashighandlowboundaryregisters,
allowtheA/Dconverterdigitaloutputvaluetobecomparedwithupperandlowerlimitvaluesand
acorrespondinginterrupttobegenerated.Anadditionaldelayfunctionallowsadelaytobeinserted
intothePWMtriggeredA/Dconversionstartprocesstoreducethepossibilityoferroneousanalog
valuesamplingwhentheoutputpowertransistorsareswitchinglargemotorcurrents.
Input Channels
A/D Channel Select Bits
Input Pins
9
ACS�~ACS0
AN0~AN7� Is
TheaccompanyingblockdiagramshowstheoverallinternalstructureoftheA/Dconverter,together
withitsassociatedregisters.
ADRH
ADRL
ADHVDH
ADHVDL
ADLVDH
ADLVDL
ADCHVE
ADCLVE
High Boundar� Value
Low Boundar� Value
Comparison T�pe Control Bits
Int_AHL_Lim
Interrupt Signal
ADC
Int_AD_EOC
EOCB bit
Compare Converted
Value with Upper and
Lower Limits
ADDL
Dela� Register
�UX
ADSTS bit
Start Convert
Dela� Time
ADSTR bit
PW� Period
Interrupt signal
PW� dut�
Interrupt signal
�UX
PWIS bit
A/D Conversion
Start Signal
DLSTR bit
Dela� on/off control
Programmable
Gain Amplifier
PB�/Is
Current Sense Pin Input
OPAVS0
OPAVS�
Gain Control Bits
Gain = X1/X5/X10/X�0
ACS�~ACS0
PA�/AN�
PA5/AN5
PA6/AN6
PA7/AN7
PA0/AN0
PA1/AN1
PA�/AN�
PA4/AN4
AD
HL/LV
Trigger
A/D Converter Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com