Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45FM2C Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT45FM2C
Description  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 3Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 4Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 5Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 6Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 7Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 8Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 9Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 10Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 171 page
background image
Rev. 1.10
6
�a� �0� �01�
Rev. 1.10
7
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
Features
CPU Features
• Operating Voltage:
♦
fSYS=32kHz ~ 20MHz: 4.5V~5.5V
• Upto0.2μsinstructioncyclewith20MHzsystemclockatVDD=5V
• Powerdownandwake-upfunctionstoreducepowerconsumption
• Twooscillators:
♦
Internal20MHzRC-HIRC
♦
Internal32kHzRC-LIRC
• Multi-modeoperation:NORMAL,SLOW,IDLEandSLEEP
• Allinstructionsexecutedinoneortwoinstructioncycles
• Tablereadinstructions
• 63powerfulinstructions
• Upto8-levelsubroutinenesting
• Bitmanipulationinstruction
Peripheral Features
• FlashProgramMemory:4K×15
• RAMDataMemory:256×8
• EEPROMMemory:128×8
• WatchdogTimerfunction
• Upto28bidirectionalI/Olines
• Sixpin-sharedexternalinterrupts
• SupportIRcordNoiseFilterfunction
• Four10-bitCTMsforBuzzer,RMT,up/downorleft/rightfan-head
• Single16-bitCTMforBLDCsensorlessapplication
• Single16-bitCAPTMformotorprotect
• Two8-bitRMTsforIRdecode
• Apairof10-bitPWMwithcomlementaryoutputsforBLDCapplication
• 9-channel10-bitresolutionA/Dconverter
• Time-Basefunctionforgenerationoffixedtimeinterruptsignal
• SingleoperationalAmplifierforcurrentdetect
• Twocomparatorswithinterruptfunctions
• Dual8-bitD/AConverter
• Lowvoltageresetfunction
• Lowvoltagedetectfunction
• Packagetypes:16-pinNSOP,28-pinSOP/SSOP/SKDIP,44-pinQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com