| Electronic Components Datasheet Search |
|
HT45FM2C Datasheet(PDF) 11 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45FM2C Datasheet(HTML) 11 Page - Holtek Semiconductor Inc |
|
11 / 171 page ![]() Rev. 1.10 10 �a� �0� �01� Rev. 1.10 11 �a� �0� �01� HT45FM2C Brushless DC Motor Flash Type 8-Bit MCU HT45FM2C Brushless DC Motor Flash Type 8-Bit MCU Preliminar� Pin Description Pin Name Function OP I/T O/T Description PA0/AN0/ INT0A PA0 PAWU PAPU ST C�OS Bidirectional 8-bit I/O port. Register enabled pull-up and wake-up. AN0 ANCSR0 AN — A/D channel 0 INT0A INTC0 ST — External interrupt input PA1/AN1/ INT0B PA1 PAPU PAWU ST C�OS Bidirectional 8-bit I/O port. Register enabled pull-up and wake-up. AN1 ANCSR0 AN — A/D channel 1 INT0B INTC0 ST — External interrupt input PA�/AN�/ INT0C PA� PAPU PAWU ST C�OS Bidirectional 8-bit I/O port. Register enabled pull-up and wake-up. AN� ANCSR0 AN — A/D channel � INT0C INTC0 ST — External interrupt input PA�/AN�/ TCK5 PA� PAPU PAWU ST C�OS Bidirectional 8-bit I/O port. Register enabled pull-up and wake-up. AN� ANCSR0 AN — A/D channel � TCK5 — ST — T�5 input PA4/AN4/ FH0_SAT /TCK� PA4 PAPU PAWU ST C�OS Bidirectional 8-bit I/O port. Register enabled pull-up and wake-up. AN4 ANCSR0 AN — A/D channel 4 FH0_SAT DC�CR1 — — DC FAN Head port output TCK� — ST — T�� input PA5/AN5/ FH0_SBT/ TP�_1 PA5 PAPU PAWU ST C�OS Bidirectional 8-bit I/O port. Register enabled pull-up and wake-up. AN5 ANCSR0 AN — A/D channel 5 FH0_SBT DC�CR1 — — DC FAN Head port output TP�_1 T�PC0 ST C�OS T�� I/O PA6/AN6/ FH0_LI/ TP�_0 PA6 PAPU PAWU ST C�OS Bidirectional 8-bit I/O port. Register enabled pull-up and wake-up. AN6 ANCSR0 AN — A/D channel 6 FH0_LI DC�CR1 — — DC FAN Head port output TP�_0 T�PC0 ST C�OS T�� I/O PA7/AN7/ FH0_RI /TCK1 PA7 PAPU PAWU ST C�OS Bidirectional 8-bit I/O port. Register enabled pull-up and wake-up. AN7 ANCSR0 AN — A/D channel 7 FH0_RI DC�CR1 — — DC FAN Head port output TCK1 — ST C�OS T�1 input PB0 PB0 PBPU ST C�OS Bidirectional 8-bit I/O port. Register enabled pull-up. PB1/TP�_1 PB1 PBPU ST C�OS Bidirectional 8-bit I/O port. Register enabled pull-up. TP�_1 T�PC0 — C�OS T�� I/O |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |