Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45FM2C Datasheet(PDF) 136 Page - Holtek Semiconductor Inc

Part # HT45FM2C
Description  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C Datasheet(HTML) 136 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 132Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 133Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 134Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 135Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 136Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 137Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 138Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 139Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 140Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 171 page
background image
Rev. 1.10
1�6
�a� �0� �01�
Rev. 1.10
1�7
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
MFI5 Register
Bit
7
6
5
4
3
2
1
0
Name
T��AF
T��PF
T��AF
T��PF
T��AE
T��PE
T��AE
T��PE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit 7
TM3AF
:
TM3ComparatorAmatchinterruptrequestflag
0:Norequest
1:Interruptrequest
Bit 6
TM3PF
:
TM3ComparatorPmatchinterruptrequestflag
0:Norequest
1:Interruptrequest
Bit 5
TM2AF
:
TM2ComparatorAmatchinterruptrequestflag
0:Norequest
1:Interruptrequest
Bit 4
TM2PF
:
TM2ComparatorPmatchinterruptrequestflag
0:Norequest
1:Interruptrequest
Bit 3
TM3AE
:
TM3ComparatorAmatchinterruptcontrol
0:Disable
1:Enable
Bit 2
TM3PE
:
TM3ComparatorPmatchinterruptcontrol
0:Disable
1:Enable
Bit 1
TM2AE
:
TM2ComparatorAmatchinterruptcontrol
0:Disable
1:Enable
Bit 0
TM2PE
:
TM2ComparatorPmatchinterruptcontrol
0:Disable
1:Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com