Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45FM2C Datasheet(PDF) 142 Page - Holtek Semiconductor Inc

Part # HT45FM2C
Description  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C Datasheet(HTML) 142 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 138Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 139Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 140Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 141Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 142Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 143Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 144Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 145Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 146Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 171 page
background image
Rev. 1.10
14�
�a� �0� �01�
Rev. 1.10
14�
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
reset,buttheinterruptrequestflag,PWMDForPWMPF,mustbemanuallyclearedbythe
applicationprogram.
Time Base Interrupt
ThefunctionoftheTimeBaseInterruptistoprovideregulartimesignalintheformofaninternal
interrupt.Theyarecontrolledbytheoverflowsignalsfromitstimerfunction.Whenthishappens
itsinterruptrequestflag,TBFwillbeset.Toallowtheprogramtobranchtoitsinterruptvector
address,theglobalinterruptenablebit,EMIandTimeBaseenablebit,TBE,mustfirstbeset.When
theinterruptisenabled,thestackisnotfullandtheTimeBaseoverflow,asubroutinecalltoits
vectorlocationwilltakeplace.Whentheinterruptisserviced,theinterruptrequestflag,TBF,will
beautomaticallyresetandtheEMIbitwillbeclearedtodisableotherinterrupts.
ThepurposeoftheTimeBaseInterruptistoprovideaninterruptsignalatfixedtimeperiods.Its
clocksourceoriginatesfromtheinternalclocksourcefTB.ThisfTBinputclockpassesthrougha
divider,thedivisionratioofwhichisselectedbyprogrammingtheappropriatebitsintheTBC
registertoobtainlongerinterruptperiodswhosevalueranges.TheclocksourcethatgeneratesfTB,
whichinturncontrolstheTimeBaseinterruptperiod,canoriginatefromseveraldifferentsources,
asshownintheSystemOperatingModesection.
TBC Register
Bit
7
6
5
4
3
2
1
0
Name
TBON
TBCK
TB1
TB0
—
—
—
—
R/W
R/W
R/W
R/W
R/W
—
—
—
—
POR
0
0
1
1
—
—
—
—
Bit 7
TBON:
TB Control
0:Disable
1:Enable
Bit 6
TBCK:
SelectfTBClock
0: fTBC
1: fSYS/4
Bit 5~4
TB1~TB0:
SelectTimeBaseTime-outPeriod
00:4096/fTB
01:8192/fTB
10:16384/fTB
11:32768/fTB
Bit3~0
Unimplemented,readas"0"
M
U
X
LI RC
f SY S /4
¸ 2 ~ 2
12
15
Ti me B as e In te rr upt
TB CK B it
TB 1~ TB 0
f TB
f TB C
Time Base Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com