Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8983GEFL/V Datasheet(PDF) 48 Page - Wolfson Microelectronics plc

Part # WM8983GEFL/V
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8983GEFL/V Datasheet(HTML) 48 Page - Wolfson Microelectronics plc

Back Button WM8983GEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 47Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 48Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 49Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 50Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 51Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 52Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 124 page
background image
WM8983
Production Data
w
PD, Rev 4.3, May 2010
48
10. R34 = 0x01–0 - Enable Limiter mode (ALCMODE = 1).
11. Insert 1ms delay to allow input PGA gain update by the limiter circuit.
12. R59 = 0x00–0 - Turn off ALC test mode.
13. –2 - Enable input PGA (INPPGAENL/R = 1).
Note: R32, R33, R45 and R46 register settings above need to be changed to reflect settings required
in the target application.
ATTACK AND DECAY TIMES
The attack and decay times set the update times for the PGA gain. The attack time is the time
constant used when the gain is reducing. The decay time is the time constant used when the gain is
increasing. In limiter mode, the time constants are faster than in ALC mode. The time constants are
shown below in terms of a single gain step, a change of 6dB and a change of 90% of the PGAs gain
range.
Note that, these times will vary slightly depending on the sample rate used (specified by the SR
register).
NORMAL MODE
ALCMODE = 0 (Normal Mode)
ALCATK
tATK
tATK6dB
tATK90%
0000
104μs832μs6ms
0001
208μs
1.66ms
12ms
0010
416μs
3.33ms
24ms
0011
832μs
6.66ms
48ms
0100
1.66ms
13.32ms
96ms
0101
3.33ms
26.64ms
192ms
0110
6.66ms
53.28ms
384ms
0111
13.32ms
106.6ms
768ms
1000
26.64ms
213.2ms
1.53s
1001
53.28ms
426.4ms
3.07s
1010
106.6ms
852.8ms
6.14s
Attack Time (s)
ALCMODE = 0 (Normal Mode)
ALCDCY
tDCY
tDCY6dB
tDCY90%
0000
410μs3.3ms
24ms
0001
820μs6.6ms
48ms
0010
1.64ms
13.1ms
96ms
0011
3.28ms
26.2ms
192ms
0100
6.56ms
52.5ms
384ms
0101
13.12ms
105ms
768ms
0110
26.24ms
210ms
1.53s
0111
52.5ms
420ms
3.07s
1000
105ms
840ms
6.14s
1001
210ms
1.68s
12.28s
1010
420ms
3.36s
24.57s
Decay Time (s)
Table 20 ALC Normal Mode (Attack and Decay times)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com