Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8983GEFL/V Datasheet(PDF) 84 Page - Wolfson Microelectronics plc

Part # WM8983GEFL/V
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8983GEFL/V Datasheet(HTML) 84 Page - Wolfson Microelectronics plc

Back Button WM8983GEFL/V Datasheet HTML 80Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 81Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 82Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 83Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 84Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 85Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 86Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 87Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 88Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 124 page
background image
WM8983
Production Data
w
PD, Rev 4.3, May 2010
84
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4
Audio
Interface
Control
0
MONO
0
Selects between stereo and mono
device operation:
0 = Stereo device operation
1 = Mono device operation. Data
appears in ‘left’ phase of LRC.
1
ADCLRSWAP
0
Controls whether ADC data appears in
‘right’ or ‘left’ phases of LRC clock:
0=ADC left data appear in ‘left’ phase of
LRC and right data in 'right' phase
1=ADC left data appear in ‘right ’ phase
of LRC and right data in 'left' phase
2
DACLRSWAP
0
Controls whether DAC data appears in
‘right’ or ‘left’ phases of LRC clock:
0=DAC left data appear in ‘left’ phase of
LRC and right data in 'right' phase
1=DAC left data appear in ‘right’ phase
of LRC and right data in 'left' phase
4:3
FMT
10
Audio interface Data Format Select:
00=Right Justified
01=Left Justified
10=I
2S format
11= DSP/PCM mode
6:5
WL
10
Word length
00=16 bits
01=20 bits
10=24 bits
11=32 bits (see note)
7
LRP
0
LRC clock polarity
0=normal
1=inverted
8
BCP
0
BCLK polarity
0=normal
1=inverted
R5
0
LOOPBACK
0
Digital loopback function
0=No loopback
1=Loopback enabled, ADC data output
is fed directly into DAC data input.
Table 55 Audio Interface Control
Note: Right Justified Mode will only operate with a maximum of 24 bits. If 32-bit mode is selected the
device will operate in 24-bit mode.
AUDIO INTERFACE CONTROL
The register bits controlling audio format, word length and master / slave mode are summarised
below.
Register bit MS selects audio interface operation in master or slave mode. In Master mode BCLK and
LRC are outputs. The frequencies of BCLK and LRC in master mode are controlled using MCLKDIV;
these clocks are divided down versions of PLL output clock (SYSCLK). The MCLKDIV default setting
provides a SYSCLK/256 division rate for the LRC output clock.
It is possible to divide down the BCLK rate using BCLKDIV; care must be taken in choosing the
correct BCLKDIV rate to maintain sufficient BCLK pulses per LRC period for the chosen data word
length. The BCLKDIV default setting provides a BCLK = SYSCLK clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com